Electronic Components Datasheet Search
  English  ▼

X  

BYD13D Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYD13D
Description  CONTROLLED AVALANCHE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD13D Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYD13D Datasheet HTML 1Page - EIC discrete Semiconductors BYD13D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYD13D - BYD13M
CONTROLLED AVALANCHE
RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.4 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
BYD
13D
BYD
13G
BYD
13J
BYD
13K
BYD
13M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Minimum Reverse Avalanche Breakdown Voltage
V(BR)R-min
225
450
650
900
1100
V
Maximum Reverse Avalanche Breakdown Voltage
V(BR)R-max
1600
1600
1600
1600
1600
V
Maximum Average Forward Current Ttp = 55°C
IF(AV)
1.4
A
Maximum Peak Forward Surge Current Single half sine wave
superimposed on rated load (JEDEC Method)
Maximum Forward Voltage drop per Diode at IF = 1.0 A
VF
1.05
V
Maximum DC reverse Current
TJ = 25
°C
IR
1
µA
at rated DC Block Voltage
TJ = 165
°C
IR(H)
100
µA
Junction Temperature Range
TJ
175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
A
20
IFSM
Dimensions in inches and ( millimeters )
DO - 41
0.205 (5.20)
0.160 (4.10)
0.107 (2.72)
0.080 (2.03)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
* Pb / RoHS Free


Similar Part No. - BYD13D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD13D PHILIPS-BYD13D Datasheet
39Kb / 7P
Controlled avalanche rectifiers
1996 May 24
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
Controlled avalanche rectifiers
logo
Vishay Siliconix
BYD13DGP VISHAY-BYD13DGP Datasheet
79Kb / 4P
Avalanche Glass Passivated Junction Rectifier
15-Mar-11
More results

Similar Description - BYD13D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
EAL1A DIOTEC-EAL1A_15 Datasheet
134Kb / 2P
Controlled Avalanche Superfast Recovery SMD Rectifier Diodes
RAL1A DIOTEC-RAL1A_15 Datasheet
143Kb / 2P
Controlled Avalanche Fast Recovery SMD Rectifier Diodes
P2500T DIOTEC-P2500T_16 Datasheet
178Kb / 2P
Controlled Avalanche Standard Recovery Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
New Jersey Semi-Conduct...
BYX56 NJSEMI-BYX56 Datasheet
187Kb / 3P
CONTROLLED AVALANCHE RECTIFIER DIODES
BYX39 NJSEMI-BYX39 Datasheet
180Kb / 3P
CONTROLLED AVALANCHE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com