Electronic Components Datasheet Search
  English  ▼

X  

BYD17DA Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYD17DA
Description  GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD17DA Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYD17DA Datasheet HTML 1Page - EIC discrete Semiconductors BYD17DA Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYD17DA - BYD17MA
GENERAL PURPOSE CONTROLLED
AVALANCHE RECTIFIERS
PRV : 200 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated junction chip
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Smallest surface mount rectifier outline
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Tj = 25 °C unless otherwise specified.)
BYD
BYD
BYD
BYD
BYD
17DA
17GA
17JA
17KA
17MA
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum Crest Working Reverse Voltage
VRWM
200
400
600
800
1000
V
Maximum Continuous Reverse Voltage
VR
200
400
600
800
1000
V
Min. Reverse Avalanche Breakdown Voltage at IR = 0.1 mA
V(BR)R-min
225
450
650
900
1100
V
Maximum Average Forward Current
Ttp = 105 °C
1.5
(Note 1)
Ta = 65 °C; PCB mounting
0.6
Maximum Non-Repetitive Peak Forward Surge Current (Note 2)
IFSM
20
A
Maximum Forward Voltage
at IF = 1 A , Tj = 25 °C
1.05
V
at IF = 1 A , Tj = 175 °C
0.93
Maximum Reverse Current
at VR = VRRMmax , Tj = 25 °C
IR
1.0
μA
at VR = VRRMmax , Tj = 165 °C
IR(H)
100
μA
Typical Reverse Recovery Time (Note 3)
Trr
3
μs
Thermal Resistance from Junction to Tie-Point
Rth j-tp
30
K / W
Thermal Resistance from Junction to Ambient (Note 4)
Rth j-a
150
K / W
Operating Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Averaged over any 20 ms period.
(2) t = 10ms half sine wave; Tj = Tjmax prior to surge; VR = VRRMmax
(3) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(4) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper ≥ 40 μm.
Page 1 of 2
Rev. 00 : February 13, 2008
UNIT
SYMBOL
RATING
VF
IF(AV)
A
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeters
1.1
± 0.3
0.2
± 0.07
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BYD17DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD17D PHILIPS-BYD17D Datasheet
54Kb / 8P
General purpose controlled avalanche rectifiers
1999 Nov 11
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
More results

Similar Description - BYD17DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
BYD17 PHILIPS-BYD17 Datasheet
54Kb / 8P
General purpose controlled avalanche rectifiers
1999 Nov 11
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Guangdong Kexin Industr...
KAS29 KEXIN-KAS29 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
logo
NXP Semiconductors
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
EIC discrete Semiconduc...
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
Controlled avalanche rectifiers
logo
NXP Semiconductors
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
Nexperia B.V. All right...
BAS29 NEXPERIA-BAS29 Datasheet
331Kb / 10P
General purpose controlled avalanche (double) diodes
2003 Mar 20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com