Electronic Components Datasheet Search
  English  ▼

X  

BYD33D Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYD33D
Description  AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD33D Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYD33D Datasheet HTML 1Page - EIC discrete Semiconductors BYD33D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYD33D - BYD33M
AVALANCHE FAST SOFT-RECOVERY
RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.3 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
BYD
33D
BYD
33G
BYD
33J
BYD
33K
BYD
33M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum Continuous Reverse Voltage
VR
200
400
600
800
1000
V
Min. Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA
V(BR)R-min
300
500
700
900
1100
V
Maximum Average Forward Current
Ttp = 55
°C (Note 1)
IF(AV)
1.3
A
Maximum Non-Repetitive Peak Forward Surge Current
IFSM
20
A
Maximum Repetitive Peak Forward Current
IFRM
12
A
Maximum Forward Voltage at 1.0 Amp.
VF
1.3
V
Maximum Reverse Current at Reverse Voltage
IR
1.0
µA
Maximum Reverse Current at Reverse Voltage Tj = 165
°C
IR(H)
100
µA
Maximum Reverse Recovery Time (Note 2)
Trr
250
300
ns
Thermal Resistance - Junction to Ambient
R
θJA
120
K / W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Lead Length 10 mm.
(2) Measured with IF = 1 Amp to VR
≥ 30V
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Pb / RoHS Free


Similar Part No. - BYD33D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD33D PHILIPS-BYD33D Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Galaxy Semi-Conductor H...
BYD33D BILIN-BYD33D Datasheet
64Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Gulf Semiconductor
BYD33D GULFSEMI-BYD33D Datasheet
123Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
logo
SUNMATE electronic Co.,...
BYD33D SUNMATE-BYD33D Datasheet
296Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - BYD33D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
Ultra Fast Soft-Recovery Avalanche Rectifier
24-Jun-98
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com