Electronic Components Datasheet Search
  English  ▼

X  

BYD37DA Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYD37DA
Description  AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD37DA Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYD37DA Datasheet HTML 1Page - EIC discrete Semiconductors BYD37DA Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYD37DA - BYD37MA
AVALANCHE FAST SOFT-RECOVERY
RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated junction chip.
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Smallest surface mount rectifier outline
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BYD
BYD
BYD
BYD
BYD
37DA 37GA
37JA
37KA 37MA
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum Continuous Reverse Voltage
VR
200
400
600
800
1000
V
Min. Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA
V(BR)R-min
300
500
700
900
1100
V
Maximum Average Forward Current Ttp = 105 °C (Note 1)
IF(AV)
1.5
A
Maximum Non-Repetitive Peak Forward Surge Current (Note 2)
IFSM
20
A
Maximum Repetitive Peak Forward Current
IFRM
12
A
Maximum Forward Voltage at 1.0 A
VF
1.3
V
Maximum Reverse Current at VR =VRRMmax
TJ = 20 °C
IR
1.0
μA
TJ = 165 °C
IR(H)
100
μA
Maximum Reverse Recovery Time (Note 3)
Trr
250
300
ns
Thermal Resistance from Junction to Tie-Point
Rth j-tp
30
K / W
Thermal Resistance from Junction to Ambient (Note 4)
Rth j-a
120
K / W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Averaged over any 20 ms period.
(2) t=10ms half sine wave; Tj = Tjmax prior to surge; VR = VRRMmax
(3) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(4) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer ≥ 40 μm.
Page 1 of 2
Rev. 02 : February 29, 2008
UNIT
SYMBOL
RATING
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeters
1.1
± 0.3
0.2
± 0.07
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BYD37DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD37D PHILIPS-BYD37D Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
logo
EIC discrete Semiconduc...
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
BYD37D LUGUANG-BYD37D Datasheet
199Kb / 2P
Fast Soft-Recovery Controlled Avalanche Rectifiers
BYD37D LUGUANG-BYD37D Datasheet
203Kb / 2P
Fast Soft-Recovery Controlled Avalanche Rectifiers
More results

Similar Description - BYD37DA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
Ultra Fast Soft-Recovery Avalanche Rectifier
24-Jun-98
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com