Electronic Components Datasheet Search
  English  ▼

X  

BYT52B Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYT52B
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYT52B Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYT52B Datasheet HTML 1Page - EIC discrete Semiconductors BYT52B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYT52A - BYT52M
PRV : 50 - 1000 Volts
Io : 1.4 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
BYT
52A
BYT
52B
BYT
52D
BYT
52G
BYT
52J
BYT
52K
BYT
52M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum Reverse Voltage
VR
50
100
200
400
600
800
1000
V
0.85 (on PC Board)
1.4 ( L = 10 mm, TL = 25°C)
Maximum Peak Forward Surge Current,
( tp = 10 ms, half sinewave)
Maximum Forward Voltage at IF = 1.0 A
VF
1.3
V
Maximum Reverse Current
IR
10 (Tj = 25°C)
µA
( VR = VRRM)
IR(H)
150 (Tj = 150°C)
µA
Maximum Reverse Recovery Time
(IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.)
Maximum Junction Ambient Thermal Resistance
( L = 10mm, TL = Constant )
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Note :
(1) Reverse Recovery Test Conditions
Page 1 of 2
Rev. 03 : October 5, 2005
RthJA
45
K/W
Trr
200
ns
FAST RECOVERY RECTIFIERS
RATING
A
A
IFSM
IF(AV)
50
Maximum Average Forward Current
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - BYT52B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT52B VISHAY-BYT52B Datasheet
42Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT52B BILIN-BYT52B Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT52B VISHAY-BYT52B Datasheet
114Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
logo
Diode Semiconductor Kor...
BYT52B DSK-BYT52B Datasheet
266Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYT52B LUGUANG-BYT52B Datasheet
1Mb / 2P
Fast Recovery Rectifiers
More results

Similar Description - BYT52B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com