Electronic Components Datasheet Search
  English  ▼

X  

BYV36D Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYV36D
Description  VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYV36D Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYV36D Datasheet HTML 1Page - EIC discrete Semiconductors BYV36D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV36A - BYV36E
VERY FAST SOFT-RECOVERY
AVALANCHE RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.5 , 1.6 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL BYV36A BYV36B BYV36C BYV36D BYV36E UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum Continuous Reverse Voltage
VR
200
400
600
800
1000
V
Minimum Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA
V(BR)R
300
500
700
900
1100
V
Maximum Average Forward Current ( Note 1 )
IF(AV)
1.6
1.5
A
Maximum Non-Repetitive Peak Forward Current
IFSM
30
A
Maximum Repetitive Peak Forward Current ( Ttp = 60
°C )
IFRM
24
21
A
Maximum Forward Voltage at 1.0 Amp. ; TJ = 25
°C
VF
1.35
1.45
V
TJ = 175
°C
VF
1.0
1.05
V
VR = VRRMmax
IR
5.0
µA
VR = VRRMmax ; TJ = 165
°C
IR(H)
150
µA
Maximum Reverse Recovery Time ( Note 2 )
Trr
100
150
ns
Typical Thermal Resistance - Junction to tie-point
Rth j-tp
46
K/W
Junction Temperature Range
TJ
175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
( 1 ) Ttp = 60
°C , lead length 10 mm.
( 2 ) Measured with IF = 0.5 A, IR = 1.0A, Irr = 0.25A.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
D2
0.284 (7.21)
0.268 (6.81)
0.161 (4.10)
0.154 (3.90)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
Maximum Reverse Current
* Pb / RoHS Free


Similar Part No. - BYV36D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36D PHILIPS-BYV36D Datasheet
78Kb / 14P
Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
logo
Galaxy Semi-Conductor H...
BYV36D BILIN-BYV36D Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV36D SYNSEMI-BYV36D Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Gulf Semiconductor
BYV36D GULFSEMI-BYV36D Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 1.5A
logo
Shenzhen Luguang Electr...
BYV36D LUGUANG-BYV36D Datasheet
179Kb / 2P
Fast Recovery Rectifiers
More results

Similar Description - BYV36D

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
Very Fast Soft-Recovery Avalanche Rectifier
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com