Electronic Components Datasheet Search
  English  ▼

X  

BYW36 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BYW36
Description  FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYW36 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BYW36 Datasheet HTML 1Page - EIC discrete Semiconductors BYW36 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYW32 - BYW36
FAST RECOVERY
RECTIFIER DIODES
PRV : 200 - 600Volts
Io : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL BYW32 BYW33 BYW34 BYW35 BYW36
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
300
400
500
600
V
Maximum Maximum RMS voltage
VRMS
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
200
300
400
500
600
V
Maximum Average Forward Current
0.375” (9.5mm) Lead Length at Ta=55
°C
Maximum Peak Forward Surge Current
10ms single half sine-wave superimposed on rated load
Maximum Instantaneous Forward Voltage at 2.0A
VF
1.2
V
Maximum DC reverse current
at rated DC blocking voltage
Typical Reverse Recovery Time (1)
Trr
200
µs
Thermal Resistance - Junction to Ambient (2)
R
θJA
100
C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 200
°C
Notes :
(1) Test Conditions : IF = 0.5 A to IR = 1 A ; measured at Irr = 0.25 A
(2) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
Page 1 of 2
Rev. 02 : March 25, 2005
IFSM
40
A
IR
5.0
µA
RATING
IF(AV)
2.0
A
D2
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - BYW36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
46Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
General Semiconductor
BYW36 GE-BYW36 Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW36 BILIN-BYW36 Datasheet
72Kb / 2P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
118Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results

Similar Description - BYW36

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com