Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 102Page - Renesas Technology Corp R29 Datasheet HTML 103Page - Renesas Technology Corp R29 Datasheet HTML 104Page - Renesas Technology Corp R29 Datasheet HTML 105Page - Renesas Technology Corp R29 Datasheet HTML 106Page - Renesas Technology Corp R29 Datasheet HTML 107Page - Renesas Technology Corp R29 Datasheet HTML 108Page - Renesas Technology Corp R29 Datasheet HTML 109Page - Renesas Technology Corp R29 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 473 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 87 of 441
REJ09B0279-0210
10.5
Power Control
There are three power control modes. All modes other than wait mode and stop mode are referred to as standard
operating mode.
10.5.1
Standard Operating Mode
Standard operating mode is further separated into four modes.
In standard operating mode, the CPU clock and the peripheral function clock are supplied to operate the CPU
and the peripheral function clocks. Power consumption control is enabled by controlling the CPU clock
frequency. The higher the CPU clock frequency, the more processing power increases. The lower the CPU
clock frequency, the more power consumption decreases. When unnecessary oscillator circuits stop, power
consumption is further reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source needs to be oscillating
and stable. If the new clock source is the XIN clock or XCIN clock, allow sufficient wait time in a program
until oscillation is stabilized before exiting.
−: can be 0 or 1, no change in outcome
NOTE:
1. For N, D version only.
Table 10.2
Settings and Modes of Clock Associated Bits
Modes
OCD
Register
CM1 Register
CM0 Register
FRA0 Register
OCD2
CM17,
CM16
CM14
CM13
CM06
CM05
CM04
CM01 FRA01 FRA00
High-speed
clock mode
No division
0
00b
−
10
0
−
0
−−
Divide-by-2
0
01b
−
10
0
−
0
−−
Divide-by-4
0
10b
−
10
0
−
0
−−
Divide-by-8
0
−−
11
0
−
0
−−
Divide-by-16
0
11b
−
10
0
−
0
−−
Low-speed
clock
mode(1)
No division
0
00b
−−
0
−
11
−−
Divide-by-2
0
01b
−−
0
−
11
−−
Divide-by-4
0
10b
−−
0
−
11
−−
Divide-by-8
0
−−−
1
−
11
−−
Divide-by-16
0
11b
−−
0
−
11
−−
High-speed
on-chip
oscillator
mode
No division
1
00b
−−
0
−−−
11
Divide-by-2
1
01b
−−
0
−−−
11
Divide-by-4
1
10b
−−
0
−−−
11
Divide-by-8
1
−−−
1
−−−
11
Divide-by-16
1
11b
−−
0
−−−
11
Low-speed
on-chip
oscillator
mode
No division
1
00b
0
−
0
−−−
0
−
Divide-by-2
1
01b
0
−
0
−−−
0
−
Divide-by-4
1
10b
0
−
0
−−−
0
−
Divide-by-8
1
−
0
−
1
−−−
0
−
Divide-by-16
1
11b
0
−
0
−−−
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com