Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 121Page - Renesas Technology Corp R29 Datasheet HTML 122Page - Renesas Technology Corp R29 Datasheet HTML 123Page - Renesas Technology Corp R29 Datasheet HTML 124Page - Renesas Technology Corp R29 Datasheet HTML 125Page - Renesas Technology Corp R29 Datasheet HTML 126Page - Renesas Technology Corp R29 Datasheet HTML 127Page - Renesas Technology Corp R29 Datasheet HTML 128Page - Renesas Technology Corp R29 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 473 page
background image
R8C/28 Group, R8C/29 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 106 of 441
REJ09B0279-0210
12.1.5
Interrupts and Interrupt Vectors
There are 4 bytes in each vector. Set the starting address of an interrupt routine in each interrupt vector. When
an interrupt request is acknowledged, the CPU branches to the address set in the corresponding interrupt vector.
Figure 12.2 shows an Interrupt Vector.
Figure 12.2
Interrupt Vector
12.1.5.1
Fixed Vector Tables
The fixed vector tables are allocated addresses 0FFDCh to 0FFFFh.
Table 12.1 lists the Fixed Vector Tables. The vector addresses (H) of fixed vectors are used by the ID code
check function. For details, refer to 19.3 Functions to Prevent Rewriting of Flash Memory.
NOTES:
1. Do not use these interrupts. They are for use by development tools only.
2. For N, D version only.
Table 12.1
Fixed Vector Tables
Interrupt Source
Vector Addresses
Address (L) to (H)
Remarks
Reference
Undefined instruction
0FFDCh to 0FFDFh Interrupt on UND
instruction
R8C/Tiny Series Software
Manual
Overflow
0FFE0h to 0FFE3h
Interrupt on INTO
instruction
BRK instruction
0FFE4h to 0FFE7h
If the content of address
0FFE7h is FFh,
program execution
starts from the address
shown by the vector in
the relocatable vector
table.
Address match
0FFE8h to 0FFEBh
12.4 Address Match
Interrupt
Single step(1)
0FFECh to 0FFEFh
Watchdog timer,
Oscillation stop detection,
Voltage monitor 1(2),
Voltage monitor 2
0FFF0h to 0FFF3h
13. Watchdog Timer
10. Clock Generation Circuit
6. Voltage Detection Circuit
Address break(1)
0FFF4h to 0FFF7h
(Reserved)
0FFF8h to 0FFFBh
Reset
0FFFCh to 0FFFFh
5. Resets
Vector address (L)
Vector address (H)
MSB
LSB
Low address
Mid address
High address
0 0 0 0
0 0 0 0
0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com