Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 160Page - Renesas Technology Corp R29 Datasheet HTML 161Page - Renesas Technology Corp R29 Datasheet HTML 162Page - Renesas Technology Corp R29 Datasheet HTML 163Page - Renesas Technology Corp R29 Datasheet HTML 164Page - Renesas Technology Corp R29 Datasheet HTML 165Page - Renesas Technology Corp R29 Datasheet HTML 166Page - Renesas Technology Corp R29 Datasheet HTML 167Page - Renesas Technology Corp R29 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 145 of 441
REJ09B0279-0210
14.1.4
Pulse Width Measurement Mode
In pulse width measurement mode, the pulse width of an external signal input to the INT1/TRAIO pin is
measured (refer to Table 14.5 Specifications of Pulse Width Measurement Mode).
Figure 14.8 shows the TRAIOC Register in Pulse Width Measurement Mode and Figure 14.9 shows an
Operating Example of Pulse Width Measurement Mode.
NOTE:
1. For J, K version, fC32 cannot be selected.
Table 14.5
Specifications of Pulse Width Measurement Mode
Item
Specification
Count sources
f1, f2, f8, fOCO, fC32(1)
Count operations
• Decrement
• Continuously counts the selected signal only when measurement pulse is “H”
level, or conversely only “L” level.
• When the timer underflows, the contents of the reload register are reloaded
and the count is continued.
Count start condition
1 (count starts) is written to the TSTART bit in the TRACR register.
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRACR register.
• 1 (count forcibly stops) is written to the TSTOP bit in the TRACR register.
Interrupt request
generation timing
• When timer RA underflows [timer RA interrupt].
• Rising or falling of the TRAIO input (end of measurement period) [timer RA
interrupt]
INT1/TRAIO pin function Measured pulse input (INT1 interrupt input)
TRAO pin function
Programmable I/O port
Read from timer
The count value can be read by reading registers TRA and TRAPRE.
Write to timer
• When registers TRAPRE and TRA are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRAPRE and TRA are written during the count, values are
written to the reload register and counter (refer to 14.1.1.1 Timer Write
Control during Count Operation).
Select functions
• Measurement level select
The TEDGSEL bit in the TRAIOC register selects the “H” or “L” level period.
• Measured pulse input pin select function
P1_7 or P1_5 is selected by the TIOSEL bit in the TRAIOC register.
• Digital filter function
Bits TIPF0 and TIPF1 in the TRAIOC register enable or disable the digital
filter and select the sampling frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com