Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 168Page - Renesas Technology Corp R29 Datasheet HTML 169Page - Renesas Technology Corp R29 Datasheet HTML 170Page - Renesas Technology Corp R29 Datasheet HTML 171Page - Renesas Technology Corp R29 Datasheet HTML 172Page - Renesas Technology Corp R29 Datasheet HTML 173Page - Renesas Technology Corp R29 Datasheet HTML 174Page - Renesas Technology Corp R29 Datasheet HTML 175Page - Renesas Technology Corp R29 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 153 of 441
REJ09B0279-0210
Figure 14.13
Registers TRBCR and TRBOCR
Timer RB Control Register
Symbol
Address
After Reset
TRBCR
0108h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3. Indicates that count operation is in progress in timer mode or programmable w aveform mode. In programmable one-
shot generation mode or programmable w ait one-shot generation mode, indicates that a one-shot pulse trigger has
been acknow ledged.
Timer RB count start bit(1)
Timer RB count forcible stop
bit(1, 2)
Refer to 14.2.5 Notes on Tim er RB for precautions regarding bits TSTART, TCSTF and TSTOP.
TSTART
RW
b7 b6 b5 b4 b3 b2
When this bit is set to 1, the count is forcibly
stopped. When read, its content is 0.
b1 b0
0 : Count stops
1 : Count starts
When the TSTOP bit is set to 1, registers TRBPRE, TRBSC, TRBPR, and bits TSTART and TCSTF, and the TOSSTF bit
in the TRBOCR register are set to values after a reset.
0 : Count stops
1 : During count(3)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RO
—
(b7-b3)
—
TCSTF
Timer RB count status flag(1)
TSTOP
RW
Timer RB One-Shot Control Register
(2)
Symbol
Address
After Reset
TRBOCR
0109h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
b2
0 : One-shot stopped
1 : One-shot operating (Including w ait period)
b1 b0
TOSSP
TOSSTF
TOSST
b7 b6 b5 b4 b3
RW
RW
Timer RB one-shot start bit
When this bit is set to 1, one-shot trigger
generated. When read, its content is 0.
Timer RB one-shot stop bit
When this bit is set to 1, counting of one-shot
pulses (including programmable w ait one-shot
pulses) stops. When read, its content is 0.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Timer RB one-shot status
flag(1)
When 1 is set to the TSTOP bit in the TRBCR register, the TOSSTF bit is set to 0.
This register is enabled w hen bits TMOD1 to TMOD0 in the TRBMR register is set to 10b (programmable one-shot
generation mode) or 11b (programmable w ait one-shot generation mode).
RO
—
(b7-b3)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com