Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 209Page - Renesas Technology Corp R29 Datasheet HTML 210Page - Renesas Technology Corp R29 Datasheet HTML 211Page - Renesas Technology Corp R29 Datasheet HTML 212Page - Renesas Technology Corp R29 Datasheet HTML 213Page - Renesas Technology Corp R29 Datasheet HTML 214Page - Renesas Technology Corp R29 Datasheet HTML 215Page - Renesas Technology Corp R29 Datasheet HTML 216Page - Renesas Technology Corp R29 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 194 of 441
REJ09B0279-0210
Figure 14.44
TRCIOR1 Register for Input Capture Function
j = A, B, C, or D
BFC, BFD: Bits in TRCMR register
Table 14.17
Functions of TRCGRj Register when Using Input Capture Function
Register
Setting
Register Function
Input Capture
Input Pin
TRCGRA
−
General register. Can be used to read the TRC register value
at input capture.
TRCIOA
TRCGRB
TRCIOB
TRCGRC
BFC = 0
General register. Can be used to read the TRC register value
at input capture.
TRCIOC
TRCGRD
BFD = 0
TRCIOD
TRCGRC
BFC = 1
Buffer registers. Can be used to hold transferred value from
the general register. (Refer to 14.3.3.2 Buffer Operation.)
TRCIOA
TRCGRD
BFD = 1
TRCIOB
Timer RC I/O Control Register 1
Symbol
Address
After Reset
TRCIOR1
0125h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
TRCGRC mode select bit(1)
Set to 1 (input capture) in the input capture
function.
RW
—
RW
RW
IOC1
IOC0
TRCGRC control bits
b1 b0
0 0 : Input capture to the TRCGRC register
at the rising edge
0 1 : Input capture to the TRCGRC register
at the falling edge
1 0 : Input capture to the TRCGRC register
at both edges
1 1 : Do not set.
b7 b6 b5 b4
1
b3 b2
—
(b3)
b1 b0
1
IOC2
RW
—
(b7)
IOD2
RW
TRCGRD control bits
b5 b4
0 0 : Input capture to the TRCGRD register
at the rising edge
0 1 : Input capture to the TRCGRD register
at the falling edge
1 0 : Input capture to the TRCGRD register
at both edges
1 1 : Do not set.
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
IOD0
IOD1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRD mode select bit(2)
Set to 1 (input capture) in the input capture
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com