Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 215Page - Renesas Technology Corp R29 Datasheet HTML 216Page - Renesas Technology Corp R29 Datasheet HTML 217Page - Renesas Technology Corp R29 Datasheet HTML 218Page - Renesas Technology Corp R29 Datasheet HTML 219Page - Renesas Technology Corp R29 Datasheet HTML 220Page - Renesas Technology Corp R29 Datasheet HTML 221Page - Renesas Technology Corp R29 Datasheet HTML 222Page - Renesas Technology Corp R29 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 200 of 441
REJ09B0279-0210
Figure 14.49
TRCCR1 Register for Output Compare Function
j = A, B, C, or D
BFC, BFD: Bits in TRCMR register
Table 14.19
Functions of TRCGRj Register when Using Output Compare Function
Register
Setting
Register Function
Output Compare
Output Pin
TRCGRA
−
General register. Write a compare value to one of these
registers.
TRCIOA
TRCGRB
TRCIOB
TRCGRC
BFC = 0
General register. Write a compare value to one of these
registers.
TRCIOC
TRCGRD
BFD = 0
TRCIOD
TRCGRC
BFC = 1
Buffer register. Write the next compare value to one of
these registers. (Refer to 14.3.3.2 Buffer Operation.)
TRCIOA
TRCGRD
BFD = 1
TRCIOB
Timer RC Control Register 1
Symbol
Address
After Reset
TRCCR1
0121h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
If the pin function is set for w aveform output (refer to Tables 7.5 to 7.8 and Tables 7.16 to 7.19), the initial output
level is output w hen the TRCCR1 register is set.
b3 b2
TOD
b1 b0
b7 b6 b5 b4
TRCIOC output level select bit(1, 2)
b6 b5 b4
0 0 0 : f1
0 0 1 : f2
0 1 0 : f4
0 1 1 : f8
1 0 0 : f32
1 0 1 : TRCCLK input rising edge
1 1 0 : fOCO40M
1 1 1 : Do not set.
0 : Disable clear (free-running
operation)
1 : Clear by compare match in the
TRCGRA register
TCK0
TCK1
RW
TOB
RW
TRCIOA output level select bit(1, 2)
TRCIOB output level select bit(1, 2)
TOA
Set to these bits w hen the TSTART bit in the TRCMR register is set to 0 (count stops).
TOC
RW
RW
RW
RW
TRCIOD output level select bit(1, 2)
CCLR
0 : Initial output “L”
1 : Initial output “H”
Count source select bits(1)
RW
TRC counter clear select bit
TCK2
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com