Electronic Components Datasheet Search
  English  ▼

X  

R8CL3AA Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8CL3AA
Description  Household appliances, office equipment, audio equipment, consumer products, etc.
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL3AA Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8CL3AA Datasheet HTML 79Page - Renesas Technology Corp R8CL3AA Datasheet HTML 80Page - Renesas Technology Corp R8CL3AA Datasheet HTML 81Page - Renesas Technology Corp R8CL3AA Datasheet HTML 82Page - Renesas Technology Corp R8CL3AA Datasheet HTML 83Page - Renesas Technology Corp R8CL3AA Datasheet HTML 84Page - Renesas Technology Corp R8CL3AA Datasheet HTML 85Page - Renesas Technology Corp R8CL3AA Datasheet HTML 86Page - Renesas Technology Corp R8CL3AA Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
RENESAS TECHNICAL UPDATE
TN-R8C-A002B/E
Date: Jul. 08, 2009
Page 2 of 8
2-1-1. Register Settings Related to the Clock Generation Circuit
2-1-1-1. High-Speed On-Chip Oscillator Control Register 0 (FRA0)
(1) Do NOT set FRA00 bit to 1 (high-speed on-chip oscillator on) [refer to Figure 2-1]
(2) Do NOT set FRA01 bit to 1 (high-speed on-chip oscillator selected as fOCO clock source) [refer to Figure 2-1].
The fOCO is a clock source of timer RA.
(3) Do NOT set FRA03 bit to 1 (fOCO-F divided by 128 selected as a clock source of fOCO128) [refer to Figure 2-1].
fOCO128 is used as an input-capture signal of timers RC and RD.
2-1-1-2. System Clock Control Register 3 (CM3)
(1) Do NOT set bits CM37 to CM36 bits to 10b (high-speed on-chip oscillator selected as CPU clock when the MCU exits
wait mode or stop mode) [refer to Figure 2-2].
2-1-1-3. High-Speed On-Chip Oscillator Control Register i (FRAi) (i = 1 to 7)
(1) Do NOT set the register related to the high-speed on-chip oscillator division select (FRA2) or registers related to
frequency adjustment (FRA1 and FRA3 to FRA7).
2-1-2. Register Settings Related to Timer RA
2-1-2-1. High-Speed On-chip Oscillator Control Register 0 (FRA0)
(1) Do NOT set the FRA01 bit to 1 (high-speed on-chip oscillator selected for the fOCO clock) [refer to Figure 2-1]. The
high-speed on-chip oscillator clock cannot be selected as the timer RA count source.
2-1-3 Register Settings Related to Timer RC
2-1-3-1. Timer RC Control Register 1 (TRCCR1)
(1) Do NOT set bits TCK2 to TCK0 to 110b (fOCO40M selected as the timer RC count source) [refer to Figure 2-3].
(2) Do NOT set bits TCK2 to TCK0 to 111b (fOCO-F selected as the timer RC count source) [refer to Figure 2-3].
2-1-3-2. High-speed On-Chip Oscillator Control Register 0 (FRA0)
(1) Do NOT set the FRA03 bit to 1 (fOCO-F divided by 128 selected as the fOCO 128 clock) [refer to Figure 2-1]. For the
timer RC input-capture function, fOCO-F divided by 128 cannot be selected for the input-capture trigger input of the TRCGRA
register.
2-1-4. Register Settings Related to Timer RD
2-1-4-1. Timer RD Control Register 0, 1 (TRDCR0, TRDCR1)
(1) Do NOT set bits TCK2 to TCK0 to 110b (fOCO40M selected as the timer RD count source) [refer to Figure 2-4].
(2) Do NOT set bits TCK2 to TCK0 to 111b (fOCO-F selected as the timer RD count source) [refer to Figure 2-4].
2-1-4-2. High-speed On-Chip Oscillator Control Register 0 (FRA0)
(1) Do NOT set the FRA03 bit to 1 (fOCO-F divided by 128 cannot be selected for the input-capture trigger input of the
TRDGRA0 register [refer to Figure 2-1]. For the timer RD input-capture function, fOCO-F divided by 128 cannot be selected for
the input-capture trigger input of the TRDGRA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com