Electronic Components Datasheet Search
  English  ▼

X  

R8C22 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C22
Description  RENESAS MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C22 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C22 Datasheet HTML 28Page - Renesas Technology Corp R8C22 Datasheet HTML 29Page - Renesas Technology Corp R8C22 Datasheet HTML 30Page - Renesas Technology Corp R8C22 Datasheet HTML 31Page - Renesas Technology Corp R8C22 Datasheet HTML 32Page - Renesas Technology Corp R8C22 Datasheet HTML 33Page - Renesas Technology Corp R8C22 Datasheet HTML 34Page - Renesas Technology Corp R8C22 Datasheet HTML 35Page - Renesas Technology Corp R8C22 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
R8C/22 Group, R8C/23 Group
5. Electrical Characteristics
Rev.2.00 Aug 20, 2008
Page 30 of 48
REJ03B0097-0200
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = -40 to 85
°C (D, J version) / -40 to 125°C (K version), unless otherwise specified.
2.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 100 or 1,000), each block can be erased n times.
For example, if 1,024 1-byte writes are performed to different addresses in block A, a 1 Kbyte block, and then the block is
erased, the programming/erasure endurance still stands at one. However, the same address must not be programmed more
than once per erase operation (overwriting prohibited).
3.
Endurance to guarantee all electrical characteristics after program and erase (1 to Min. value can be guaranteed).
4.
In a system that executes multiple programming operations, the actual erasure endurance can be reduced by writing to
sequential addresses in turn so that as much of the block as possible is used up before performing an erase operation. For
example, when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to
128 groups before erasing them all in one operation. It is also advisable to retain data on the erasure endurance of each
block and limit the number of erase operations to a certain number.
5.
If error occurs during block erase, attempt to execute the clear status register command, then the block erase command at
least three times until the erase error does not occur.
6.
Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
7.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 5.4
Flash Memory (Program ROM) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance(2)
R8C/22 Group
100(3)
−−
times
R8C/23 Group
1,000(3)
−−
times
−
Byte program time
−
50
400
µs
−
Block erase time
−
0.4
9
s
td(SR-SUS)
Time delay from suspend request until
erase suspend
−−
97 + CPU clock
× 6 cycle
µs
−
Interval from erase start/restart until
following suspend request
650
−−
µs
−
Interval from program start/restart until
following suspend request
0
−−
ns
−
Time from suspend until program/erase
restart
−−
3 + CPU clock
× 4 cycle
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
2.7
−
5.5
V
−
Program, erase temperature
0
−
60
°C
−
Data hold time(7)
Ambient temperature = 55
°C20
−−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com