Electronic Components Datasheet Search
  English  ▼

X  

R8C28 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R8C28
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C28 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R8C28 Datasheet HTML 21Page - Renesas Technology Corp R8C28 Datasheet HTML 22Page - Renesas Technology Corp R8C28 Datasheet HTML 23Page - Renesas Technology Corp R8C28 Datasheet HTML 24Page - Renesas Technology Corp R8C28 Datasheet HTML 25Page - Renesas Technology Corp R8C28 Datasheet HTML 26Page - Renesas Technology Corp R8C28 Datasheet HTML 27Page - Renesas Technology Corp R8C28 Datasheet HTML 28Page - Renesas Technology Corp R8C28 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
R8C/28 Group, R8C/29 Group
5. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 23 of 67
REJ03B0169-0210
NOTES:
1. AVCC = 2.2 to 5.5 V at Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), unless otherwise specified.
2. When the analog input voltage is over the reference voltage, the A/D conversion result will be 3FFh in 10-bit mode and FFh in
8-bit mode.
Figure 5.1
Ports P1, P3, and P4 Timing Measurement Circuit
Table 5.3
A/D Converter Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Resolution
Vref = AVCC
−−
10
Bits
−
Absolute
accuracy
10-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
−−
±3
LSB
8-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
−−
±2
LSB
10-bit mode
φAD = 10 MHz, Vref = AVCC = 3.3 V
−−
±5
LSB
8-bit mode
φAD = 10 MHz, Vref = AVCC = 3.3 V
−−
±2
LSB
10-bit mode
φAD = 5 MHz, Vref = AVCC = 2.2 V
−−
±5
LSB
8-bit mode
φAD = 5 MHz, Vref = AVCC = 2.2 V
−−
±2
LSB
Rladder
Resistor ladder
Vref = AVCC
10
−
40
k
Ω
tconv
Conversion time
10-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
3.3
−−
µs
8-bit mode
φAD = 10 MHz, Vref = AVCC = 5.0 V
2.8
−−
µs
Vref
Reference voltage
2.2
−
AVCC
V
VIA
Analog input voltage(2)
0
−
AVCC
V
−
A/D operating
clock frequency
Without sample and hold
Vref = AVCC = 2.7 to 5.5 V
0.25
−
10
MHz
With sample and hold
Vref = AVCC = 2.7 to 5.5 V
1
−
10
MHz
Without sample and hold
Vref = AVCC = 2.2 to 5.5 V
0.25
−
5MHz
With sample and hold
Vref = AVCC = 2.2 to 5.5 V
1
−
5MHz
P1
P3
P4
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com