Electronic Components Datasheet Search
  English  ▼

X  

STP23NM60ND Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP23NM60ND
Description  N-channel 600 V, 0.150 Ω, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D²PAK, I²PAK, TO-220, TO-220FP, TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP23NM60ND Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP23NM60ND Datasheet HTML 5Page - STMicroelectronics STP23NM60ND Datasheet HTML 6Page - STMicroelectronics STP23NM60ND Datasheet HTML 7Page - STMicroelectronics STP23NM60ND Datasheet HTML 8Page - STMicroelectronics STP23NM60ND Datasheet HTML 9Page - STMicroelectronics STP23NM60ND Datasheet HTML 10Page - STMicroelectronics STP23NM60ND Datasheet HTML 11Page - STMicroelectronics STP23NM60ND Datasheet HTML 12Page - STMicroelectronics STP23NM60ND Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STB/I/F/P/W23NM60ND
Test circuits
Doc ID 14367 Rev 3
9/18
3
Test circuits
Figure 18.
Switching times test circuit for
resistive load
Figure 19.
Gate charge test circuit
Figure 20.
Test circuit for inductive load
switching and diode recovery times
Figure 21.
Unclamped inductive load test
circuit
Figure 22.
Unclamped inductive waveform
Figure 23.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com