Electronic Components Datasheet Search
  English  ▼

X  

CPH6702 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH6702
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6702 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH6702 Datasheet HTML 1Page - Sanyo Semicon Device CPH6702 Datasheet HTML 2Page - Sanyo Semicon Device CPH6702 Datasheet HTML 3Page - Sanyo Semicon Device CPH6702 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH6702
No.6354–3/4
1000
100
10
f T -- IC
100
10
1.0
Cob -- VCB
VCE(sat) -- IC
VCE(sat) -- IC
--10
--0.1
--1.0
VBE(sat) -- IC
--10
--1.0
--0.1
--0.01
A S O
Ta=75
°C
--25
°C
25°
C
Ta=--25
°C
75
°C
7
5
3
2
7
5
3
2
--1.0
--10
23
5
7
2
3
f=1MHz
7
5
3
2
7
5
3
2
--0.01
--0.1
--1.0
23
5
7
2
3
5
7
2
3
VCE=--2V
--1000
--100
--10
7
5
3
2
7
5
3
2
7
--0.01
--0.1
--1.0
23
5
7
2
3
5
7
2
3
IC / IB=20
IC / IB=50
--1000
--100
--10
7
5
3
2
7
5
3
2
7
--0.01
--0.1
--1.0
2
3
57
2
3
57
2
3
7
5
3
2
7
5
3
2
7
5
3
2
--0.1
--1.0
--10
23
5
7
2
3
5
7
2
3
7
5
3
2
7
5
3
2
--0.01
--0.1
--1.0
23
5
7
2
3
5
7
2
3
IC / IB=50
100
µ
s
500
µ
s
1ms
10ms
100ms
DC
operation
--25
°C
25°
C
Ta=75
°C
[TR]
[TR]
[TR]
[TR]
[TR]
[TR]
IT01663
IT01665
IT01667
IT01664
IT01666
IT01668
25°C
ICP=--3A
IC=--1.5A
Collector Current, IC –A
Collector-to-Base Voltage, VCB –V
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2
×0.8mm)
--1.0
--0.9
--0.8
--0.7
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
IC -- VBE
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
1000
7
5
3
2
7
5
3
2
7
5
3
2
100
10
1.0
hFE -- IC
--0.01
23
5
7
23
5
7
2
3
5
--0.1
--1.0
--25
°C
Ta=75°C
VCE=--2V
VCE=--2V
[TR]
[TR]
25
°C
IT01661
IT01662
Collector-to-Emitter Voltage, VCE –V
Collector Current, IC –A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com