Electronic Components Datasheet Search
  English  ▼

X  

BAS28 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS28
Description  Silicon Switching Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS28 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS28_07 Datasheet HTML 1Page - Infineon Technologies AG BAS28_07 Datasheet HTML 2Page - Infineon Technologies AG BAS28_07 Datasheet HTML 3Page - Infineon Technologies AG BAS28_07 Datasheet HTML 4Page - Infineon Technologies AG BAS28_07 Datasheet HTML 5Page - Infineon Technologies AG BAS28_07 Datasheet HTML 6Page - Infineon Technologies AG BAS28_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-19
3
BAS28...
Reverse current IR = ƒ (TA)
VR = Parameter
0
25
50
75
100
°C
150
TA
1
10
2
10
3
10
4
10
5
10
nA
70 V
25 V
Forward Voltage VF = ƒ (TA)
IF = Parameter
0
0.5
1.0
0
50
100
150
BAS 28
EHB00037
V
T
A
V
F
C
Ι
F = 100 mA
10 mA
1 mA
0.1 mA
Forward current IF = ƒ (VF)
TA = 25 °C
0
0
EHB00035
BAS 28
Ι
0.5
1.0
V
1.5
50
100
mA
150
F
F
V
max
typ
Peak forward current IFM = ƒ (tp)
TA = 25 °C
BAS28
EHB00036
-6
10
BAS 28
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
-2
10
-1
10
Ι
FM
10
0
10
1
10
A
2
t
T
t p
D
p
=
T
t
D = 0.005
0.01
0.02
0.05
0.1
0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com