Electronic Components Datasheet Search
  English  ▼

X  

BAS70 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS70
Description  HiRel Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS70_07 Datasheet HTML 1Page - Infineon Technologies AG BAS70_07 Datasheet HTML 2Page - Infineon Technologies AG BAS70_07 Datasheet HTML 3Page - Infineon Technologies AG BAS70_07 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2007-08-20
1
BAS70...
HiRel Silicon Schottky Diode
• HiRel Discrete and Microwave Semiconductor
• General-purpose diodes for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
• Hermetically sealed microwaver package
•
esa Space Qualified
ESA/SCC Detail Spec. No.: 5512/020
Type Variante No. 01
BAS70-T1
12
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Configuration
Marking
BAS70-T1
T1
single
-
(ql) Testing level: P: Professional testing
H: High Rel quality
S: Space quality
ES: ESA qualified
Maximum Ratings
Parameter
Symbol
Value
Unit
Reverse voltage
VR
70
V
Forward current
IF
70
mA
Surge forward current1)
IFSM
85
mA
Total power dissipation2)
Ptot
250
mW
Operating temperature range
Top
-55 ... 150
°C
Soldering temperature3)
Tsol
250
°C
Storage temperature
Tstg
-55 ... 150
°C
1t
≤10ms, duty Cycle =10%
2At TCASE = 125°C. For TCASE > 125°C derating is required
3During 5 sec. maximum. The terminal shall not be resoldered until 3 minutes have elapsed.


Similar Part No. - BAS70_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
STMicroelectronics
BAS70-07 STMICROELECTRONICS-BAS70-07 Datasheet
53Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Infineon Technologies A...
BAS70-07 INFINEON-BAS70-07 Datasheet
553Kb / 12P
Silicon Schottky Diode
Feb-03-2003
logo
NXP Semiconductors
BAS70-07 PHILIPS-BAS70-07 Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
logo
Guangdong Kexin Industr...
BAS70-07 KEXIN-BAS70-07 Datasheet
36Kb / 1P
Schottky Barrier (Double) Diodes
More results

Similar Description - BAS70_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS40 INFINEON-BAS40 Datasheet
475Kb / 4P
HiRel Silicon Schottky Diode
September 99
BAS70 INFINEON-BAS70 Datasheet
470Kb / 4P
HiRel Silicon Schottky Diode
1998
BXY42 INFINEON-BXY42 Datasheet
414Kb / 5P
HiRel Silicon PIN Diode
September 99
BXY43 INFINEON-BXY43 Datasheet
456Kb / 6P
HiRel Silicon PIN Diode
September 99
BXY44 INFINEON-BXY44 Datasheet
490Kb / 6P
HiRel Silicon PIN Diode
September 99
BAS40 INFINEON-BAS40_11 Datasheet
125Kb / 3P
HiRel Silicon Schottky Diode
V2, February 2011
BAS70 INFINEON-BAS70_11 Datasheet
125Kb / 3P
HiRel Silicon Schottky Diode
V2, Februar 2011
BAY6642 INFINEON-BAY6642 Datasheet
115Kb / 3P
HiRel Silicon Switching Diode
September 2009
BXY42 INFINEON-BXY42_11 Datasheet
152Kb / 5P
HiRel Silicon PIN Diode
V2, February 2011
BXY43 INFINEON-BXY43_11 Datasheet
194Kb / 5P
HiRel Silicon PIN Diode
V2, February 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com