Electronic Components Datasheet Search
  English  ▼

X  

M38040FALKP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M38040FALKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38040FALKP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M38040FALKP Datasheet HTML 28Page - Renesas Technology Corp M38040FALKP Datasheet HTML 29Page - Renesas Technology Corp M38040FALKP Datasheet HTML 30Page - Renesas Technology Corp M38040FALKP Datasheet HTML 31Page - Renesas Technology Corp M38040FALKP Datasheet HTML 32Page - Renesas Technology Corp M38040FALKP Datasheet HTML 33Page - Renesas Technology Corp M38040FALKP Datasheet HTML 34Page - Renesas Technology Corp M38040FALKP Datasheet HTML 35Page - Renesas Technology Corp M38040FALKP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
Rev.1.00
Oct 27, 2008
Page 30 of 128
REJ03B0266-0100
3804 Group (Spec.L)
TIMERS
• 8-bit Timers
The 3804 group (Spec.L) has four 8-bit timers: timer 1, timer 2,
timer X, and timer Y.
The timer 1 and timer 2 use one prescaler in common, and the
timer X and timer Y use each prescaler. Those are 8-bit
prescalers. Each of the timers and prescalers has a timer latch or
a prescaler latch.
The division ratio of each timer or prescaler is given by 1/(n + 1),
where n is the value in the corresponding timer or prescaler latch.
All timers are down-counters. When the timer reaches “0016”, an
underflow occurs at the next count pulse and the contents of the
corresponding timer latch are reloaded into the timer and the
count is continued. When the timer underflows, the interrupt
request bit corresponding to that timer is set to “1”.
• Timer divider
The divider count source is switched by the main clock division
ratio selection bits of CPU mode register (bits 7 and 6 at address
003B16). When these bits are “00” (high-speed mode) or “01”
(middle-speed mode), XIN is selected. When these bits are “10”
(low-speed mode), XCIN is selected.
• Prescaler 12
The prescaler 12 counts the output of the timer divider. The
count source is selected by the timer 12, X count source selection
register among 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256,
1/512, 1/1024 of f(XIN) or f(XCIN).
• Timer 1 and Timer 2
The timer 1 and timer 2 counts the output of prescaler 12 and
periodically set the interrupt request bit.
• Prescaler X and prescaler Y
The prescaler X and prescaler Y count the output of the timer
divider or f(XCIN). The count source is selected by the timer 12,
X count source selection register (address 000E16) and the timer
Y, Z count source selection register (address 000F16) among 1/2,
1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256, 1/512, and 1/1024 of
f(XIN) or f(XCIN); and f(XCIN).
• Timer X and Timer Y
The timer X and timer Y can each select one of four operating
modes by setting the timer XY mode register (address 002316).
(1) Timer mode
• Mode selection
This mode can be selected by setting “00” to the timer X
operating mode bits (bits 1 and 0) and the timer Y operating
mode bits (bits 5 and 4) of the timer XY mode register (address
002316).
• Explanation of operation
The timer count operation is started by setting “0” to the timer X
count stop bit (bit 3) and the timer Y count stop bit (bit 7) of the
timer XY mode register (address 002316).
When the timer reaches “0016”, an underflow occurs at the next
count pulse and the contents of timer latch are reloaded into the
timer and the count is continued.
(2) Pulse Output Mode
• Mode selection
This mode can be selected by setting “01” to the timer X
operating mode bits (bits 1 and 0) and the timer Y operating
mode bits (bits 5 and 4) of the timer XY mode register (address
002316).
• Explanation of operation
The operation is the same as the timer mode’s. Moreover the
pulse which is inverted each time the timer underflows is output
from CNTR0/CNTR1 pin. Regardless of the timer counting or
not the output of CNTR0/CNTR1 pin is initialized to the level of
specified by their active edge switch bits when writing to the
timer. When the CNTR0 active edge switch bit (bit 2) and the
CNTR1 active edge switch bit (bit 6) of the timer XY mode
register (address 002316) is “0”, the output starts with “H” level.
When it is “1”, the output starts with “L” level.
Switching the CNTR0 or CNTR1 active edge switch bit will
reverse the output level of the corresponding CNTR0 or CNTR1
pin.
• Precautions
Set the double-function port of CNTR0/CNTR1 pin and port
P54/P55 to output in this mode.
(3) Event Counter Mode
• Mode selection
This mode can be selected by setting “10” to the timer X
operating mode bits (bits 1 and 0) and the timer Y operating
mode bits (bits 5 and 4) of the timer XY mode register (address
002316).
• Explanation of operation
The operation is the same as the timer mode’s except that the
timer counts signals input from the CNTR0 or CNTR1 pin. The
valid edge for the count operation depends on the CNTR0 active
edge switch bit (bit 2) or the CNTR1 active edge switch bit (bit 6)
of the timer XY mode register (address 002316). When it is “0”,
the rising edge is valid. When it is “1”, the falling edge is valid.
• Precautions
Set the double-function port of CNTR0/CNTR1 pin and port
P54/P55 to input in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com