Electronic Components Datasheet Search
  English  ▼

X  

M38041FALKP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M38041FALKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38041FALKP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M38041FALKP Datasheet HTML 45Page - Renesas Technology Corp M38041FALKP Datasheet HTML 46Page - Renesas Technology Corp M38041FALKP Datasheet HTML 47Page - Renesas Technology Corp M38041FALKP Datasheet HTML 48Page - Renesas Technology Corp M38041FALKP Datasheet HTML 49Page - Renesas Technology Corp M38041FALKP Datasheet HTML 50Page - Renesas Technology Corp M38041FALKP Datasheet HTML 51Page - Renesas Technology Corp M38041FALKP Datasheet HTML 52Page - Renesas Technology Corp M38041FALKP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
Rev.1.00
Oct 27, 2008
Page 47 of 128
REJ03B0266-0100
3804 Group (Spec.L)
<Notes concerning serial I/O1>
1. Notes when selecting clock synchronous serial I/O
1.1 Stop of transmission operation
•Note
Clear the serial I/O1 enable bit and the transmit enable bit to
“0” (serial I/O and transmit disabled).
•Reason
Since transmission is not stopped and the transmission circuit
is not initialized even if only the serial I/O1 enable bit is
cleared to “0” (serial I/O disabled), the internal transmission is
running (in this case, since pins TXD1, RXD1, SCLK1, and
SRDY1 function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in
this state, data starts to be shifted to the transmit shift register.
When the serial I/O1 enable bit is set to “1” at this time, the
data during internally shifting is output to the TXD1 pin and an
operation failure occurs.
1.2 Stop of receive operation
•Note
Clear the receive enable bit to “0” (receive disabled), or clear
the serial I/O1 enable bit to “0” (serial I/O disabled).
1.3 Stop of transmit/receive operation
• Note
Clear both the transmit enable bit and receive enable bit to “0”
(transmit and receive disabled).
(when dat a is transmit ted and received i n the clock
synchronous serial I/O mode, any one of data transmission and
reception cannot be stopped.)
•Reason
In the clock synchronous serial I/O mode, the same clock is
used for transmission and reception. If any one of transmission
and reception is disabled, a bit error occurs because
transmission and reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also
operates for data reception. Accordingly, the transmission
circuit does not stop by clearing only the transmit enable bit to
“0” (transmit disabled). Also, the transmission circuit is not
initialized by clearing the serial I/O1 enable bit to “0” (serial
I/O disabled) (refer to 1.1).
2. Notes when selecting clock asynchronous serial I/O
2.1 Stop of transmission operation
•Note
Clear the transmit enable bit to “0” (transmit disabled). The
transmission operation does not stop by clearing the serial
I/O1 enable bit to “0”.
•Reason
Since transmission is not stopped and the transmission circuit
is not initialized even if only the serial I/O1 enable bit is
cleared to “0” (serial I/O disabled), the internal transmission is
running (in this case, since pins TXD1, RXD1, SCLK1, and
SRDY1 function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in
this state, data starts to be shifted to the transmit shift register.
When the serial I/O1 enable bit is set to “1” at this time, the
data during internally shifting is output to the TXD1 pin and an
operation failure occurs.
2.2 Stop of receive operation
•Note
Clear the receive enable bit to “0” (receive disabled).
2.3 Stop of transmit/receive operation
• Note 1 (only transmission operation is stopped)
Clear the transmit enable bit to “0” (transmit disabled). The
transmission operation does not stop by clearing the serial
I/O1 enable bit to “0”.
•Reason
Since transmission is not stopped and the transmission circuit
is not initialized even if only the serial I/O1 enable bit is
cleared to “0” (serial I/O disabled), the internal transmission is
running (in this case, since pins TXD1, RXD1, SCLK1, and
SRDY1 function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in
this state, data starts to be shifted to the transmit shift register.
When the serial I/O1 enable bit is set to “1” at this time, the
data during internally shifting is output to the TXD1 pin and an
operation failure occurs.
• Note 2 (only receive operation is stopped)
Clear the receive enable bit to “0” (receive disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com