Electronic Components Datasheet Search
  English  ▼

X  

M38044FALKP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M38044FALKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38044FALKP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M38044FALKP Datasheet HTML 93Page - Renesas Technology Corp M38044FALKP Datasheet HTML 94Page - Renesas Technology Corp M38044FALKP Datasheet HTML 95Page - Renesas Technology Corp M38044FALKP Datasheet HTML 96Page - Renesas Technology Corp M38044FALKP Datasheet HTML 97Page - Renesas Technology Corp M38044FALKP Datasheet HTML 98Page - Renesas Technology Corp M38044FALKP Datasheet HTML 99Page - Renesas Technology Corp M38044FALKP Datasheet HTML 100Page - Renesas Technology Corp M38044FALKP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 131 page
background image
Rev.1.00
Oct 27, 2008
Page 95 of 128
REJ03B0266-0100
3804 Group (Spec.L)
Standard serial I/O Mode
The standard serial I/O mode inputs and outputs the software
commands, addresses and data needed to operate (read, program,
erase, etc.) the internal flash memory. This I/O is clock
synchronized serial. This mode requires a purpose-specific
peripheral unit.
The standard serial I/O mode is different from the parallel I/O
mode in that the CPU controls flash memory rewrite (uses the
CPU rewrite mode), rewrite data input and so forth. The standard
serial I/O mode is started by connecting “H” to the CNVSS pin
and “H” to the P45 (BOOTENT) pin, and releasing the reset
operation. (In the ordinary microcomputer mode, set CNVSS pin
to “L” level.) This control program is written in the Boot ROM
area when the product is shipped from Renesas. Accordingly,
make note of the fact that the standard serial I/O mode cannot be
used if the Boot ROM area is rewritten in parallel I/O mode. The
standard serial I/ O mode has standard serial I/O mode 1 of the
clock synchronous serial and standard serial I/O mode 2 of the
clock asynchronous serial. Table 20 and 21 show description of
pin function (standard serial I/O mode). Figures 91 to 96 show
the pin connections for the standard serial I/O mode. Figures 97
and 98 show the operating waveform for standard serial I/O
mode 1 and the operating waveform for standard serial I/O mode
1, respectively. Figures 99 and 100 show the connection
examples in standard serial I/O mode.
In standard serial I/O mode, only the User ROM area shown in
Figure 81 can be rewritten. The Boot ROM area cannot be
written.
In standard serial I/O mode, a 7-byte ID code is used. When there
is data in the flash memory, this function determines whether the
ID code sent from the peripheral unit (programmer) and those
written in the flash memory match. The commands sent from the
peripheral unit (programmer) are not accepted unless the ID code
matches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com