Electronic Components Datasheet Search
  English  ▼

X  

M38045FALKP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M38045FALKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38045FALKP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M38045FALKP Datasheet HTML 81Page - Renesas Technology Corp M38045FALKP Datasheet HTML 82Page - Renesas Technology Corp M38045FALKP Datasheet HTML 83Page - Renesas Technology Corp M38045FALKP Datasheet HTML 84Page - Renesas Technology Corp M38045FALKP Datasheet HTML 85Page - Renesas Technology Corp M38045FALKP Datasheet HTML 86Page - Renesas Technology Corp M38045FALKP Datasheet HTML 87Page - Renesas Technology Corp M38045FALKP Datasheet HTML 88Page - Renesas Technology Corp M38045FALKP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 131 page
background image
Rev.1.00
Oct 27, 2008
Page 83 of 128
REJ03B0266-0100
3804 Group (Spec.L)
FLASH MEMORY MODE
The 3804 group (Spec.L)’s flash memory version has the flash
memory that can be rewritten with a single power source.
For this flash memory, three flash memory modes are available
in which to read, program, and erase: the parallel I/O and
standard serial I/O modes in which the flash memory can be
manipulated using a programmer and the CPU rewrite mode in
which the flash memory can be manipulated by the Central
Processing Unit (CPU).
This flash memory version has some blocks on the flash memory
as shown in Figure 81 and each block can be erased.
In addition to the ordinary User ROM area to store the MCU
operation control program, the flash memory has a Boot ROM
area that is used to store a program to control rewriting in CPU
rewrite and standard serial I/O modes. This Boot ROM area has
had a standard serial I/O mode control program stored in it when
shipped from the factory. However, the user can write a rewrite
control program in this area that suits the user’s application
system. This Boot ROM area can be rewritten in only parallel I/O
mode.
Summary
Table 15 lists the summary of the 3804 group (Spec.L) flash
memory version.
NOTE:
1. The Boot ROM area has had a standard serial I/O mode control program stored in it when shipped from the factory.
This Boot ROM area can be erased and written in only parallel I/O mode.
NOTES:
1. VCC = AVCC = 2.7 V to 5.5 V, Topr = 0
°C to 60 °C, unless otherwise noted.
2. Definition of programming/erase count
The programming/erase count refers to the number of erase operations per block. For example, if block A is a 2 K-byte block and
2,048 1-byte writes are performed, all to different addresses, after which block A is erased, the programming/erase count is 1. Note
that for each erase operation it is not possible to perform more than one programming (write) operation to the same address
(overwrites prohibited).
3. This is the number of times for which all electrical characteristics are guaranteed after a programming or erase operation. (The
guarantee covers the range from 1 to maximum value.)
4. On systems where reprogramming is performed a large number of times, it is possible to reduce the effective number of overwrites
by sequentially shifting the write address, so that as much of the available area of the block is used up through successive
programming (write) operations before an erase operation is performed. For example, if each programming operation uses 16 bytes
of space, a maximum of 128 programming operations may be performed before it becomes necessary to erase the block in order to
continue. In this way the effective number of overwrites can be kept low. The effective overwrite count can be further reduced by
evenly dividing operations between block A and block B. It is recommended that data be retained on the number of times each
block has been erased and a limit count set.
5. If a block erase error occurs, execute the clear status register command followed by the block erase command a minimum of three
times and until the erase error is no longer generated.
Table 15 Summary of 3804 group (Spec.L)’s flash memory version
Item
Specifications
Power source voltage (VCC)VCC = 2.7 to 5.5 V
Program/Erase VPP voltage (VPP)VCC = 2.7 to 5.5 V
Flash memory mode
3 modes; Parallel I/O mode, Standard serial I/O mode, CPU
rewrite mode
Erase block division
User ROM area/Data ROM area
Refer to Figure 81.
Boot ROM area (1)
Not divided (4 Kbytes)
Program method
In units of bytes
Erase method
Block erase
Program/Erase control method
Program/Erase control by software command
Number of commands
5 commands
Number of program/Erase times
100(Max.)
ROM code protection
Available in parallel I/O mode and standard serial I/O mode
Table 16 Electrical characteristics of flash memory (program ROM)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
−
Byte programming time
VCC = 5.0 V, Topr = 25
°C
−
60
400
μs
−
Block erase time
(Block 1)
VCC = 5.0 V, Topr = 25
°C
−
0.5
9
s
(Block 2)
−
0.9
9
s
(Block 3)
−
1.3
9
s
(Block A, B)
−
0.3
9
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com