Electronic Components Datasheet Search
  English  ▼

X  

DBA10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBA10
Description  1.0A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBA10 Datasheet HTML 1Page - Sanyo Semicon Device DBA10 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Diffused Junction Silicon Diode
1.0A Single-Phase Bridge Rectifier
Ordering number:EN646D
DBA10
52098HA (KT)/D288MO/4124KI, TS No.646-1/2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CB
0
1
A
B
DC
0
1
A
B
DE
0
1
A
B
DG
0
1
A
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
10
0
20
0
40
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
→→→
0
.
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→→→
0
5A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→→
0
5
1
+
o
t
0
4
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Features
· Plastic molded structure.
· Peak reverse voltage:VRM=100 to 600V
· Average rectified current:IO=1.0A.
˚C
˚C
Package Dimensions
unit:mm
1093
[DBA10]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
5
.
0
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
V M
R
h
c
a
e
t
A
:V M
R
0
1A
µ
Ta=60˚C


Similar Part No. - DBA10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA100 SANYO-DBA100 Datasheet
42Kb / 2P
10.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBA100G ONSEMI-DBA100G Datasheet
290Kb / 2P
10.0A Single-Phase Bridge Rectifier
October, 2013
logo
SanRex Corporation
DBA100UA40 SANREX-DBA100UA40 Datasheet
115Kb / 2P
Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
Fast & Soft Recovery Diode
More results

Similar Description - DBA10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBD10 SANYO-DBD10 Datasheet
20Kb / 3P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C1000 WTE-B40C1000_06 Datasheet
46Kb / 4P
1.0A SINGLE-PHASE BRIDGE RECTIFIER
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF10 SANYO-DBF10_09 Datasheet
45Kb / 3P
1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
EN7030 ONSEMI-EN7030 Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com