Electronic Components Datasheet Search
  English  ▼

X  

STV240N75F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV240N75F3
Description  N-channel 75 V, 2.3 m廓, 240 A PowerSO-10 STripFET??III Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV240N75F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV240N75F3 Datasheet HTML 2Page - STMicroelectronics STV240N75F3 Datasheet HTML 3Page - STMicroelectronics STV240N75F3 Datasheet HTML 4Page - STMicroelectronics STV240N75F3 Datasheet HTML 5Page - STMicroelectronics STV240N75F3 Datasheet HTML 6Page - STMicroelectronics STV240N75F3 Datasheet HTML 7Page - STMicroelectronics STV240N75F3 Datasheet HTML 8Page - STMicroelectronics STV240N75F3 Datasheet HTML 9Page - STMicroelectronics STV240N75F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STV240N75F3
6/15
Doc ID 14595 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
re
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single
pulse
1000
AM05544v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-3
10
-2
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
10
-1
Zth_PowerSO-10
ID
150
100
50
0
0
1
VDS(V)
3
(A)
2
200
250
5V
6V
VGS=10V
300
350
AM05545v1
RDS(on)
2.0
1.8
1.6
1.4
0
100
ID(A)
(m
Ω)
50
150
2.2
2.4
2.6
2.8
200
3.0
3.2
AM05546v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com