Electronic Components Datasheet Search
  English  ▼

X  

BAT62 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT62
Description  Silicon Schottky Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT62 Datasheet HTML 1Page - Infineon Technologies AG BAT62 Datasheet HTML 2Page - Infineon Technologies AG BAT62 Datasheet HTML 3Page - Infineon Technologies AG BAT62 Datasheet HTML 4Page - Infineon Technologies AG BAT62 Datasheet HTML 5Page - Infineon Technologies AG BAT62 Datasheet HTML 6Page - Infineon Technologies AG BAT62 Datasheet HTML 7Page - Infineon Technologies AG BAT62 Datasheet HTML 8Page - Infineon Technologies AG BAT62 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2007-04-19
2
BAT62...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
20
mA
Total power dissipation
BAT62, TS ≤ 85 °C
BAT62-02L, -07L4, -03W, TS ≤ 108 °C
BAT62-02W, TS ≤ 109 °C
BAT62-07W, TS ≤ 103 °C
BAT62-09S, TS ≤ 105 °C
Ptot
100
100
100
100
100
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT62
BAT62-02L, -07L4, -03W
BAT62-02W
BAT62-07W
BAT62-09S
RthJS
≤ 650
≤ 420
≤ 410
≤ 470
≤ tbd
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 40 V
IR
-
-
10
µA
Forward voltage
IF = 2 mA
VF
-
0.58
1
V
Forward voltage matching2)
IF = 2 mA
∆ V
F
-
-
20
mV
1For calculation of RthJA please refer to Application Note Thermal Resistance
2
∆VF is the difference between lowest and highestVF in a multiple diode component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com