Electronic Components Datasheet Search
  English  ▼

X  

BAT64 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT64
Description  Silicon Schottky Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT64 Datasheet HTML 1Page - Infineon Technologies AG BAT64 Datasheet HTML 2Page - Infineon Technologies AG BAT64 Datasheet HTML 3Page - Infineon Technologies AG BAT64 Datasheet HTML 4Page - Infineon Technologies AG BAT64 Datasheet HTML 5Page - Infineon Technologies AG BAT64 Datasheet HTML 6Page - Infineon Technologies AG BAT64 Datasheet HTML 7Page - Infineon Technologies AG BAT64 Datasheet HTML 8Page - Infineon Technologies AG BAT64 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2007-06-11
1
BAT64...
Silicon Schottky Diodes
• For low-loss, fast-recovery, meter protection,
bias isolation and clamping application
• Integrated diffused guard ring
• Low forward voltage
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAT64
BAT64-04
BAT64-04W
BAT64-05
BAT64-05W
BAT64-06
BAT64-06W
BAT64-02W
!

!

,
, 
!

,
, 
!

,
, 

ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAT64
BAT64-02W
BAT64-04
BAT64-04W
BAT64-05
BAT64-05W
BAT64-06
BAT64-06W
SOT23
SCD80
SOT23
SOT323
SOT23
SOT323
SOT23
SOT323
single
single
series
series
common cathode
common cathode
common anode
common anode
1.8
0.6
1.8
1.4
1.8
1.4
1.8
1.4
63s
64
64s
64s
65s
65s
66s
66s
1Pb-containing package may be available upon special request


Similar Part No. - BAT64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64 Datasheet
491Kb / 7P
Silicon Schottky Diodes
Mar-10-2004
logo
Continental Device Indi...
BAT64 CDIL-BAT64 Datasheet
139Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64 Datasheet
219Kb / 12P
For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
More results

Similar Description - BAT64

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
Silicon Schottky Diodes
Nov-15-2001
logo
Guangdong Kexin Industr...
BAS125 KEXIN-BAS125 Datasheet
38Kb / 2P
Silicon Schottky Diodes
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
Silicon Schottky Diodes
2007-04-19
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com