Electronic Components Datasheet Search
  English  ▼

X  

BAV70S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAV70S
Description  Silicon Switching Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV70S Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAV70S Datasheet HTML 1Page - Infineon Technologies AG BAV70S Datasheet HTML 2Page - Infineon Technologies AG BAV70S Datasheet HTML 3Page - Infineon Technologies AG BAV70S Datasheet HTML 4Page - Infineon Technologies AG BAV70S Datasheet HTML 5Page - Infineon Technologies AG BAV70S Datasheet HTML 6Page - Infineon Technologies AG BAV70S Datasheet HTML 7Page - Infineon Technologies AG BAV70S Datasheet HTML 8Page - Infineon Technologies AG BAV70S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2007-09-19
5
BAV70...
Forward current IF = ƒ (TS)
BAV70S
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250
Forward current IF = ƒ (TS)
BAV70U
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250
Forward current IF = ƒ (TS)
BAV70W
0
15
30
45
60
75
90
105 120 °C 150
TS
0
25
50
75
100
125
150
175
200
mA
250
Permissible Puls Load RthJS = ƒ (tp)
BAV70
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
TP
-1
10
0
10
1
10
2
10
3
10
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com