Electronic Components Datasheet Search
  English  ▼

X  

ES302 Datasheet(PDF) 4 Page - Winbond

Part # ES302
Description  ES302 DEMONSTRATION BOARD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ES302 Datasheet(HTML) 4 Page - Winbond

  ES302 Datasheet HTML 1Page - Winbond ES302 Datasheet HTML 2Page - Winbond ES302 Datasheet HTML 3Page - Winbond ES302 Datasheet HTML 4Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Date:
July 25, 1996
Sheet
1
of
1
Size
Document Number
REV
B
96-02-05 ES302 AB
B
Title
ES302 DEMO BOARD
INFORMATION STORAGE DEVICES
C9
1uF
C8
1uF
R25
3.3K
AUD OUT
ANA IN+
1
2
JP2
spkr
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
R6
4.7K
R7
4.7K
INT\
ATTCAP
VCC 3V
C11
1uF
TO 3V
VCCD
27
VCCA
18
VSSD
4
VSSA
23
MISO
3
MOSI
2
SCLK
28
SS
1
XCLK
26
INTB
25
VSSA
12
VSSA
11
RAC
24
ANA IN+
17
ANA IN-
16
AUD OUT
13
ATTCAP
14
U2
ISD 33000
ANA IN+
3V
OUT
1
IN
3
G
N
D
2
U6
LT1121CZ-3.3
+
S11
ON/OFF
C18
68uF
L1
47uH
BT
2XAA
R26
100K
LX
8
OUT
6
3/5
2
LBO
4
LBI
5
SHDN
1
REF
3
GND
7
U5
MAX856CSA
R27
220K
C30
0.1uF
D12
MBR0520
C10
10uF
C12
0.1uF
C17
68uF
C31
47uF
R23
4.7K
R22
4.7K
C5
10uF
C6
.1uF
A
0
1
A
1
2
A
2
3
A
3
4
A
4
5
A
5
6
A
7
8
A
6
7
V
C
C
D
2
8
V
C
C
A
1
6
V
S
S
D
1
2
V
S
S
A
1
3
S
P
+
1
4
S
P
-
1
5
A
U
X
I
N
1
1
A
N
A
I
N
2
0
A
N
A
O
U
T
2
1
M
I
C
R
E
F
1
8
P
/
R
2
7
M
I
C
1
7
A
G
C
1
9
A
8
9
A
9
1
0
X
C
L
K
2
6
E
O
M
2
5
P
D
2
4
C
E
2
3
O
V
F
2
2
U3
ISD 2560
JU2
3PIN JUMPER
5V
C7
1uF
R1
470K
C1
1uF
R2
5K
C2
.22uF
C3
.22uF
M1
MICROPHONE
R4
5K
C4
1000uF
R3
1K
5V
5V
+5V
C14
1uF
AUDIO
MUTE
DISABLE
11
10
U1E
9
8
U1D
ATTCAP
3
4
U1B
5
6
U1C
1
2
U1A
13
12
U1F
74HC04
SI
RAC
SK
SO
AUDOUT
R28
100K
C13
0.1uF
JU1
3PIN JUMPER
C19
0.1uF
TO LBO
SS\
U1-14 TO 5V
U1-7 TO GND
PD
P/R
N
/
C
R9
3.3K
+5V
N
/
C
N
/
C
N
/
C
L2
13
L3
14
SO
1
G7
4
SK
2
D2
21
D1
20
D0
19
G3
28
G2
27
GND
23
RESET
24
VCC
6
CKI
5
I
O
7
I
1
8
I
2
9
I
3
1
0
G1
26
L0
11
L1
12
L4
15
L5
16
L7
18
SI
3
INT
25
D3
22
L6
17
U4
COP 820C
WHITE
S6
PLAY LAST
+5V
L7
R16
4.7K
D1
1N914
D6
1N914
L2
YELLOW
R11
4.7K
S1
GO TO BEGIN
+5V
L5
L1
BLUE
R12
4.7K
S2
SKIP TO NEXT
S3
REC
D2
1N914
D3
1N914
L4
L6
R14
4.7K
D4
1N914
D5
1N914
BLACK
S5
PLAY NEXT
S4
STOP
INT\
WAKE
SO
SK
SI
N/C
C15
82pF
D10
1N914
R8
47K
NOTES:
D12 SUBSITUTE 1N5817 SCHOTTKY
L1 IS A SUMIDA CD43-470-KC
S10
MASTER RESET
C16
0.1uF
LT.GREY
R21
270
LBO
RAC
SS\
P/R
PD
+5V
R20
4.7K
WAKE
R15
4.7K
RED
R13
4.7K
LOW
BATT
Q1
2N3904
R24
680
D11
RED LED
U2
ISD4000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com