Electronic Components Datasheet Search
  English  ▼

X  

BAW79D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAW79D
Description  Silicon Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW79D Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAW79D Datasheet HTML 1Page - Infineon Technologies AG BAW79D Datasheet HTML 2Page - Infineon Technologies AG BAW79D Datasheet HTML 3Page - Infineon Technologies AG BAW79D Datasheet HTML 4Page - Infineon Technologies AG BAW79D Datasheet HTML 5Page - Infineon Technologies AG BAW79D Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-04-20
5
BAW78.../BAW79...
Package SOT89
Reel ø180 mm = 1.000 Pieces/Reel
Reel ø330 mm = 4.000 Pieces/Reel
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
0.8
0.8
2.0
0.7
0.45
+0.2
1) Ejector pin markings possible
1.5
3
0.2
-0.1
B
0.25 ±0.05
45˚
0.15 M B
B
0.15
±0.1
0.35
1.5 ±0.1
±0.2
1.6
±0.1
4.5
x3
0.2 MAX.
1)
123
8
0.2
4.3
1.6
Pin 1
2005, June
Date code (YM)
BAW78D
Type code
Pin 1
Manufacturer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com