Electronic Components Datasheet Search
  English  ▼

X  

BAW101 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAW101
Description  Silicon Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW101 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAW101 Datasheet HTML 1Page - Infineon Technologies AG BAW101 Datasheet HTML 2Page - Infineon Technologies AG BAW101 Datasheet HTML 3Page - Infineon Technologies AG BAW101 Datasheet HTML 4Page - Infineon Technologies AG BAW101 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007-04-20
2
BAW101...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAW101
RthJS
≤ 330
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
300
-
-
V
Reverse current
VR = 250 V
VR = 250 V, TA = 150 °C
IR
-
-
-
-
0.15
50
µA
Forward voltage
IF = 100 mA
VF
-
-
1.3
V
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CT
-
6
-
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, measured at IR = 1mA,
RL = 100 Ω
trr
-
1
-
µs
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator: tp = 10µs, D = 0.05, tr = 0.6ns,
Ri = 50Ω
Oscillograph: R = 50
Ω, tr = 0.35ns, C ≤ 1pF
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com