Electronic Components Datasheet Search
  English  ▼

X  

BB565 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BB565
Description  Silicon Variable Capcitance Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB565 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB565 Datasheet HTML 1Page - Infineon Technologies AG BB565 Datasheet HTML 2Page - Infineon Technologies AG BB565 Datasheet HTML 3Page - Infineon Technologies AG BB565 Datasheet HTML 4Page - Infineon Technologies AG BB565 Datasheet HTML 5Page - Infineon Technologies AG BB565 Datasheet HTML 6Page - Infineon Technologies AG BB565 Datasheet HTML 7Page - Infineon Technologies AG BB565 Datasheet HTML 8Page - Infineon Technologies AG BB565 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2007-04-20
1
BB545/BB565...
Silicon Variable Capcitance Diode
• For UHF-TV-tuners
• High capacitance ratio
• Low series inductance
• Low series resistance
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BB545
BB565/-02V

Type
Package
Configuration
LS(nH) Marking
BB545
BB565
BB565-02V
SOD323
SCD80
SC79
single
single
single
1.8
0.6
0.6
white U
CC
C
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage
R
≥ 5kΩ
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 150
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BB565

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
logo
Infineon Technologies A...
BB565 INFINEON-BB565 Datasheet
410Kb / 4P
Silicon Variable Capcitance Diode
Nov-07-2002
BB565-02V INFINEON-BB565-02V Datasheet
410Kb / 4P
Silicon Variable Capcitance Diode
Nov-07-2002
More results

Similar Description - BB565

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
Silicon Variable Capacitance Diode
1T369 SONY-1T369 Datasheet
44Kb / 4P
Silicon Variable Capacitance Diode
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB545 INFINEON-BB545 Datasheet
410Kb / 4P
Silicon Variable Capcitance Diode
Nov-07-2002
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
Silicon Variable Capacitance Diode
Oct-25-2002
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
Silicon Variable Capacitance Diode
Dec-04-2002
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com