Electronic Components Datasheet Search
  English  ▼

X  

BB814 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BB814
Description  Silicon Variable Capacitance Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB814 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BB814 Datasheet HTML 1Page - Infineon Technologies AG BB814 Datasheet HTML 2Page - Infineon Technologies AG BB814 Datasheet HTML 3Page - Infineon Technologies AG BB814 Datasheet HTML 4Page - Infineon Technologies AG BB814 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007-04-20
2
BB814...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 16 V
VR = 16 V, TA = 60 °C
IR
-
-
-
-
20
200
nA
AC Characteristics
Diode capacitance1)
VR = 2 V, f = 1 MHz
VR = 8 V, f = 1 MHz
CT
43
19.1
44.75
20.8
46.5
22.7
pF
Capacitance ratio
VR = 2 V, VR = 8 V, f = 1 MHz
CT2/CT8
2.05
2.15
2.25
Capacitance matching2)
VR = 2 V, VR = 8 V, f = 1 MHz
∆C
T/CT
-
-
3
%
Series resistance
VR = 2 V, f = 100 MHz
rS
-
0.18
-
Ω
Q factor
f
= 100 MHz, VR = 2 V
Q
-
200
-
1Capacitance groups at 2V and 8V, coded 1; 2
CT/groups
1
2
C2V
min
43pF
44.5pF
C2V
max
45pF
46.5pF
C8V
min
19.1pF
19.75pF
C8V
max
21.95pF 22.7pF
2For details please refer to Application Note 047.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com