Electronic Components Datasheet Search
  English  ▼

X  

BB831 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BB831
Description  Silicon Variable Capacitance Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB831 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BB831 Datasheet HTML 1Page - Infineon Technologies AG BB831 Datasheet HTML 2Page - Infineon Technologies AG BB831 Datasheet HTML 3Page - Infineon Technologies AG BB831 Datasheet HTML 4Page - Infineon Technologies AG BB831 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007-04-20
2
BB831...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 30 V
VR = 30 V, TA = 85 °C
IR
-
-
-
-
20
500
nA
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 28 V, f = 1 MHz
CT
7.8
0.85
8.8
1.02
9.8
1.2
pF
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz
CT1/CT28
7.8
8.6
9.5
Capacitance matching1)
VR = 1 V, VR = 28 V, f = 1 MHz
∆C
T/CT
-
-
3
%
Series resistance
VR = 1 V, f = 100 MHz
rS
-
1
-
Ω
1For details please refer to Application Note 047.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com