Electronic Components Datasheet Search
  English  ▼

X  

BB837 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BB837
Description  Silicon Tuning Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB837 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BB837 Datasheet HTML 1Page - Infineon Technologies AG BB837 Datasheet HTML 2Page - Infineon Technologies AG BB837 Datasheet HTML 3Page - Infineon Technologies AG BB837 Datasheet HTML 4Page - Infineon Technologies AG BB837 Datasheet HTML 5Page - Infineon Technologies AG BB837 Datasheet HTML 6Page - Infineon Technologies AG BB837 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-04-20
2
BB837/BB857...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 30 V
VR = 30 V, TA = 85 °C
IR
-
-
-
-
10
200
nA
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 25 V, f = 1 MHz
VR = 28 V, f = 1 MHz
CT
6
0.5
0.45
6.6
0.55
0.52
7.2
0.65
-
pF
Capacitance ratio
VR = 1 V, VR = 25 V, f = 1 MHz
CT1/CT25
10.2
12
-
-
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz
CT1/CT28
9.7
12.7
-
Capacitance matching1)
VR = 1V ... 28V, f = 1 MHz, 7 diodes sequence
∆C
T/CT
-
-
5
%
Series resistance
VR = 5 V, f = 470 MHz
rS
-
1.5
-
Ω
1For details please refer to Application Note 047



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com