Electronic Components Datasheet Search
  English  ▼

X  

BB867 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BB867
Description  Silicon Tuning Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB867 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB867 Datasheet HTML 1Page - Infineon Technologies AG BB867 Datasheet HTML 2Page - Infineon Technologies AG BB867 Datasheet HTML 3Page - Infineon Technologies AG BB867 Datasheet HTML 4Page - Infineon Technologies AG BB867 Datasheet HTML 5Page - Infineon Technologies AG BB867 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-04-20
1
BB867...
Silicon Tuning Diode
• For SAT tuners
• High capacitance ratio C
1V/C25V (typ.15.8)
• Low series inductance
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BB867-02V

Type
Package
Configuration
LS(nH) Marking
BB867-02V
SC79
single
0.6
Y
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage-
(R
≥ 5kΩ )
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 150
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BB867

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB867 INFINEON-BB867 Datasheet
394Kb / 3P
Silicon Tuning Diode
Nov-14-2002
BB867-02V INFINEON-BB867-02V Datasheet
394Kb / 3P
Silicon Tuning Diode
Nov-14-2002
More results

Similar Description - BB867

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com