Electronic Components Datasheet Search
  English  ▼

X  

BCR142F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR142F
Description  NPN Silicon Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR142F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR142F Datasheet HTML 1Page - Infineon Technologies AG BCR142F Datasheet HTML 2Page - Infineon Technologies AG BCR142F Datasheet HTML 3Page - Infineon Technologies AG BCR142F Datasheet HTML 4Page - Infineon Technologies AG BCR142F Datasheet HTML 5Page - Infineon Technologies AG BCR142F Datasheet HTML 6Page - Infineon Technologies AG BCR142F Datasheet HTML 7Page - Infineon Technologies AG BCR142F Datasheet HTML 8Page - Infineon Technologies AG BCR142F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2007-09-17
1
BCR142...
NPN Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R
1=22kΩ, R2=47kΩ)
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BCR142/W
BCR142F
EHA07184
3
2
1
C
E
B
R1
R 2
Type
Marking
Pin Configuration
Package
BCR142
BCR142F
BCR142W
WZs
WZs
WZs
1=B
1=B
1=B
2=E
2=E
2=E
3=C
3=C
3=C
-
-
-
-
-
-
-
-
-
SOT23
TSFP-3
SOT323
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Input forward voltage
Vi(fwd)
60
Input reverse voltage
Vi(rev)
10
Collector current
IC
100
mA
Total power dissipation-
BCR142, TS ≤ 102°C
BCR142W, TS ≤ 124°C
BCR142F, TS ≤ 128°C
Ptot
200
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BCR142F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR142F INFINEON-BCR142F Datasheet
195Kb / 8P
NPN Silicon Digital Transistor
Aug-29-2003
BCR142FL3 INFINEON-BCR142FL3 Datasheet
195Kb / 8P
NPN Silicon Digital Transistor
Aug-29-2003
More results

Similar Description - BCR142F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
Jun-14-2004
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
NPN Silicon Digital Transistor
Aug-29-2003
logo
Chenmko Enterprise Co. ...
CHDTC114GKPT CHENMKO-CHDTC114GKPT Datasheet
65Kb / 2P
NPN Digital Silicon Transistor
logo
Infineon Technologies A...
BCR503 INFINEON-BCR503_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-24
BCR505 INFINEON-BCR505_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-31
BCR135E6327 INFINEON-BCR135E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
BCR116S-E6327 INFINEON-BCR116S-E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com