Electronic Components Datasheet Search
  English  ▼

X  

BCR153 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCR153
Description  PNP Silicon Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR153 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCR153 Datasheet HTML 1Page - Infineon Technologies AG BCR153 Datasheet HTML 2Page - Infineon Technologies AG BCR153 Datasheet HTML 3Page - Infineon Technologies AG BCR153 Datasheet HTML 4Page - Infineon Technologies AG BCR153 Datasheet HTML 5Page - Infineon Technologies AG BCR153 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2007-08-21
5
BCR153...
Package TSFP-3
4
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
±0.05
0.2
3
±0.05
1.2
12
±0.04
0.55
±0.05
0.15
±0.05
0.2
0.4 ±0.05
0.4 ±0.05
0.4
0.4
0.4
BCR847BF
Type code
Pin 1
0.2
1.35
0.3
0.7
Pin 1
Manufacturer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com