Electronic Components Datasheet Search
  English  ▼

X  

DBF150 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBF150
Description  15A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF150 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBF150 Datasheet HTML 1Page - Sanyo Semicon Device DBF150 Datasheet HTML 2Page - Sanyo Semicon Device DBF150 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DBF150
No.6566-1/3
Features
•
Glass passivation for high reliability.
•
Plastic molded structure.
•
Peak reverse voltage : VRM=200, 600V.
•
Average rectified current : IO=15A.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
DBF150C
DBF150G
Unit
Peak Reverse Voltage
VRM
200
600
V
Average Rectified Current
IO
Tc=100
°C, With heatsink
¨
15
A
Ta=25
°C, Without heatsink
¨
3.2
A
Surge Forward Current
IFSM
50Hz sine 1cycle peak value
¨
200
A
Junction Temperature
Tj
¨
150
°C
Storage Temperature
Tstg
¨
--40 to +150
°C
Electrical Characteristics at Ta=25
°C Per Constituent element of bridge.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=7.5A
1.1
V
Reverse Current
IR
VR=At each VRM
10
µA
Thremal Resistance(Junction-Ambient)
Rth(j-a)
Without heatsink
22
°C/W
Thremal Resistance(Junction-Case)
Rth(j-c)
With heatsink
1.5
°C/W
Note) Maximum tightening torque : 0.49N•m
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6566
DBF150
Package Dimensions
unit : mm
1191A
[DBF150]
42800 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Diffused Junction Type
15A Single-Phase Bridge Rectifier
2.5
2.2
1.0
10.0
7.5
7.5
+
-
4.6
2.7
0.7
3.6
30.0
3.2


Similar Part No. - DBF150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
More results

Similar Description - DBF150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15_06 Datasheet
54Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
15A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
15A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ15 NELLSEMI-GBJ15 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 15A
KBPC15 NELLSEMI-KBPC15 Datasheet
313Kb / 3P
Single-Phase Bridge Rectifier, 15A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com