Electronic Components Datasheet Search
  English  ▼

X  

BCR401W Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR401W
Description  LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR401W Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR401W Datasheet HTML 1Page - Infineon Technologies AG BCR401W Datasheet HTML 2Page - Infineon Technologies AG BCR401W Datasheet HTML 3Page - Infineon Technologies AG BCR401W Datasheet HTML 4Page - Infineon Technologies AG BCR401W Datasheet HTML 5Page - Infineon Technologies AG BCR401W Datasheet HTML 6Page - Infineon Technologies AG BCR401W Datasheet HTML 7Page - Infineon Technologies AG BCR401W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2010-01-12
2
BCR401W
Typical Application
Pin Configuration
Vd ro p
B C R 401 W
Re x t
3
4
2
1
+V s
Is
Io u t
EHA07188
4
3
2
1
Type
Marking
Pin Configuration
Package
BCR401W
W5s
1 = GND
2 =
Iout
3 =
VS
4 =
Rext
SOT343
Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage
VS
18
V
Output current
Iout
60
mA
Output voltage
Vout
16
V
Reverse voltage between all terminals
VR
0.5
Total power dissipation,
TS ≤ 95 °C
Ptot
500
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
110
K/W
1For calculation of R
thJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com