Electronic Components Datasheet Search
  English  ▼

X  

BCR405U Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR405U
Description  LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR405U Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR405U Datasheet HTML 1Page - Infineon Technologies AG BCR405U Datasheet HTML 2Page - Infineon Technologies AG BCR405U Datasheet HTML 3Page - Infineon Technologies AG BCR405U Datasheet HTML 4Page - Infineon Technologies AG BCR405U Datasheet HTML 5Page - Infineon Technologies AG BCR405U Datasheet HTML 6Page - Infineon Technologies AG BCR405U Datasheet HTML 7Page - Infineon Technologies AG BCR405U Datasheet HTML 8Page - Infineon Technologies AG BCR405U Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2009-07-31
2
BCR405U
Pin Configuration
Typical Application
B CR 4 0 5 U
Vd r o p
Re x t
(o p tio n a l)
4
6
2,3 ,5
1
+V s
Is
Io u t
1
2
3
6
5
4
GND
Out
Out
Rext
Out
Vs
BCR405U
Type
Marking
Pin Configuration
Package
BCR405U
L5s
1 = GND
2;3;5 = Iout 4 = VS
6 = Rext
SC74
Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage
VS
40
V
Output current
Iout
65
mA
Output voltage
Vout
38
V
Reverse voltage between all terminals
VR
0.5
Total power dissipation,
TS ≤ 125 °C
Ptot
750
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
50
K/W
1For calculation of R
thJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com