Electronic Components Datasheet Search
  English  ▼

X  

DBF250 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBF250
Description  25A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF250 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBF250 Datasheet HTML 1Page - Sanyo Semicon Device DBF250 Datasheet HTML 2Page - Sanyo Semicon Device DBF250 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBF250
No.6567-2/3
0.1
0.5
0.6
0.7
0.4
1.0
10
7
5
3
2
5
3
2
7
5
3
2
1.2
1.1
0.8
0.9
1.0
Forward Voltage, VF -- V
IF -- VF
IT02100
20
40
60
80
120
140
100
0
1
0
2
3
4
160
Ambient Temperature, Ta --
°C
IO -- Ta
IT02101
Resisti
ve load
4
8
12
16
28
20
24
0
10
0
20
30
40
60
50
70
Average Rectified Current, IO -- A
PF -- IO
IT02103
90
100
110
120
140
150
130
80
5
0
10
15
30
25
20
160
Case Temperature, Tc --
°C
IO -- Tc
IT02102
23
1.0
10
100
200
300
400
100
0
7
52
3
7
5
Number of Consective Applied Cycles at 50Hz, n
IFSM -- n
IT02104
Sine
w
av
e
Resistive load
50Hz
PCB
Tc
Tc
Fin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com