Electronic Components Datasheet Search
  English  ▼

X  

BCR512 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR512
Description  NPN Silicon Digital Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR512 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR512 Datasheet HTML 1Page - Infineon Technologies AG BCR512 Datasheet HTML 2Page - Infineon Technologies AG BCR512 Datasheet HTML 3Page - Infineon Technologies AG BCR512 Datasheet HTML 4Page - Infineon Technologies AG BCR512 Datasheet HTML 5Page - Infineon Technologies AG BCR512 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-07-23
1
BCR512
1
2
3
NPN Silicon Digital Transistor
• Built in bias resistor (R1= 4.7 kΩ, R2= 4.7 kΩ)
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
EHA07184
3
2
1
C
E
B
R1
R 2
Type
Marking
Pin Configuration
Package
BCR512
XFs
1=B
2=E
3=C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Input forward voltage
Vi(fwd)
30
Input reverse voltage
Vi(rev)
10
Collector current
IC
500
mA
Total power dissipation-
TS ≤ 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 215
K/W
1Pb-containing package may be available upon special request
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BCR512

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR512 SIEMENS-BCR512 Datasheet
34Kb / 4P
NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
logo
Infineon Technologies A...
BCR512 INFINEON-BCR512 Datasheet
114Kb / 4P
NPN Silicon Digital Transistor
Dec-13-2001
BCR512 INFINEON-BCR512 Datasheet
531Kb / 6P
NPN Silicon Digital Transistor
2011-07-28
BCR512 INFINEON-BCR512_11 Datasheet
531Kb / 6P
NPN Silicon Digital Transistor
2011-07-28
More results

Similar Description - BCR512

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
Jun-14-2004
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
NPN Silicon Digital Transistor
Aug-29-2003
BCR142 INFINEON-BCR142_07 Datasheet
118Kb / 10P
NPN Silicon Digital Transistor
2007-09-17
BCR503 INFINEON-BCR503_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-24
BCR505 INFINEON-BCR505_07 Datasheet
138Kb / 6P
NPN Silicon Digital Transistor
2007-07-31
BCR135E6327 INFINEON-BCR135E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
BCR116S-E6327 INFINEON-BCR116S-E6327 Datasheet
873Kb / 11P
NPN Silicon Digital Transistor
2011-08-19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com