Electronic Components Datasheet Search
  English  ▼

X  

BGF111 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF111
Description  TV-Out Filter and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF111 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF111 Datasheet HTML 1Page - Infineon Technologies AG BGF111 Datasheet HTML 2Page - Infineon Technologies AG BGF111 Datasheet HTML 3Page - Infineon Technologies AG BGF111 Datasheet HTML 4Page - Infineon Technologies AG BGF111 Datasheet HTML 5Page - Infineon Technologies AG BGF111 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BGF111
TV-Out Filter
BGF111
Data Sheet
5
V2.0, 2008-05-28
Figure 1
Schematic
Figure 2
Insertion loss as function of bias voltage, ZS =ZL =75 Ω
bgf111 _schematic
A2 (GND)
A1
B1
D1
R1
75 Ohm
B2 (GND)
D2
Ext. IO
Int. IO
bgf111_Insertion_Loss
Insertion Loss BGF111 S21=f(freq, Ubias)
-40
-35
-30
-25
-20
-15
-10
-5
0
1
10
100
1000
10000
f [MHz]
dB(S21@0V)
dB(S21@3V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com