Electronic Components Datasheet Search
  English  ▼

X  

BGF112 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF112
Description  AV I/F Device with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF112 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF112 Datasheet HTML 1Page - Infineon Technologies AG BGF112 Datasheet HTML 2Page - Infineon Technologies AG BGF112 Datasheet HTML 3Page - Infineon Technologies AG BGF112 Datasheet HTML 4Page - Infineon Technologies AG BGF112 Datasheet HTML 5Page - Infineon Technologies AG BGF112 Datasheet HTML 6Page - Infineon Technologies AG BGF112 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BGF112
AV I/F Device with ESD Protection
BGF112
Data Sheet
5
V3.0, 2008-11-19
Table 2
Electrical Characteristics1)
1) at
T
A = 25 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Resistors
R
1, R2
R
1,2
13.5
15
16.5
Ω
–
Capacitors C1, C2
C1,2
456
nF
–
Total ESD junction capacitance
of each line to GND
C
T
–18
30
pF
V =0V
Leakage currents
ESD diodes to GND
I
R
–0.1
0.1
100
100
nA
µA
V =
±3V
V =
±14 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com