Electronic Components Datasheet Search
  English  ▼

X  

BGF119 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF119
Description  Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF119 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF119 Datasheet HTML 1Page - Infineon Technologies AG BGF119 Datasheet HTML 2Page - Infineon Technologies AG BGF119 Datasheet HTML 3Page - Infineon Technologies AG BGF119 Datasheet HTML 4Page - Infineon Technologies AG BGF119 Datasheet HTML 5Page - Infineon Technologies AG BGF119 Datasheet HTML 6Page - Infineon Technologies AG BGF119 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BGF119
Transient Voltage Suppressor
Data Sheet
5
V3.0, 2008-11-18
Figure 1
Schematic
Table 1
Maximum Ratings
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Voltage at all pins to GND
V
P
0
8
V
Operating temperature range
T
OP
-30
+85
°C
Storage temperature range
T
STG
-55
+150
°C
Electrostatic discharge according to IEC61000-
4-21) at all pins
1) Contact discharge
V
ESD
-15
15
kV
Table 2
Electrical Characteristics1)
1) Otherwise specified at
T
A = 25 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Line capacitance to GND
C
T
230
pF
V
R = 0 V
Forward voltage
V
F
2)
2) To avoid high temperature and possible disassembling of component from the board, DC current operation to be limited to
few seconds
1.1
V
I
F = 850 mA
Break down voltage
V
BR
10
10
11
12
12
V
I
R = 15 mA
T
A= -30°C
T
A= 25°C
T
A= 85°C
Clamping voltage during transient
V
CL
3)
3) 8/20
µs pulse waveform according to IEC61000-4-5
13
V
I
R = 1 A
Leakage current of line to GND
I
R
1
10
100
800
nA
V
R = 8 V
T
A= -30°C
T
A= 25°C
T
A= 85°C
B1 (GND)
A1
A2
B2 (GND)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com