Electronic Components Datasheet Search
  English  ▼

X  

TLE4998C3C Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE4998C3C
Description  Programmable Linear Hall Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C3C Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE4998C3C Datasheet HTML 31Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 32Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 33Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 34Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 35Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 36Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 37Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 38Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
TLE4998C3C
SPC Output Definition
Data Sheet
35
Rev 1.1, 2009-09
in order to be able to maintain the herein given master pulse requirements. All these
parameters have considerable influence to find the proper unit time setup.
Table 22
Predivider Setting
The nominal unit time is calculated by:
12.3
Master Pulse Requirements
An SPC transmission is initiated by a Master pulse on the OUT pin. To detect a low level
on the OUT pin, the voltage must be below a threshold Vthf. The sensor detects that the
OUT line has been released as soon as Vthr is crossed. Figure 12 shows the timing
definitions for the master pulse. The master low time tmlow as well as the total trigger time
tmtr are individual for the different SPC modes and are given in the subsequent sections.
It is recommended to chose the typical master low time exactly between the minimum
and the maximum possible time: tmlow,typ = (tmlow,min + tmlow,max) / 2. Although the
allowed timing windows are larger for longer low times, the master should use a quarz
clock source to provide a high timing accuracy (approx. 1%). For improved robustness,
the master pulse can be adopted by the master once the effective unit time is known
through the sensor’s synchronisation period length. If the master low time exceeds the
maximum low time, the sensor does not respond and is available for a next triggering
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Register size
Prediv
4
bit
Predivider1)
1) Prediv default is decimal = 8 for 3 µs nominal SPC unit time
Unit time
tUNIT
2.0
3.88
µs
ClkUNIT=8MHz
2)
2) RC oscillator frequency variation +/- 20%
tUNIT = (Prediv + 16) / ClkUNIT
ClkUNIT = 8MHz ± 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com