Electronic Components Datasheet Search
  English  ▼

X  

FS100R12PT4 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # FS100R12PT4
Description  EconoPACK?? Modul mit schnellem Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und PressFIT / NTC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS100R12PT4 Datasheet(HTML) 2 Page - Infineon Technologies AG

  FS100R12PT4 Datasheet HTML 1Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 2Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 3Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 4Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 5Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 6Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 7Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 8Page - Infineon Technologies AG FS100R12PT4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technische Information / technical information
FS100R12PT4
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
9
8
7
"
"
0;< (
Q5
%&'
9
#
"
1
#5
0% (
Q5R 0;< ( S Q5
0% (
Q5R 0;< ( S Q5
)% *+,
)%
P
-
-
4
1
9
7
D
9
T (
)%./
-
F
"
2
0% (
Q5R 0;< ( S Q5
4C+C
O
F
8
7
D
"
"
9
"
U&'
V$
Charakteristische Werte / characteristic values
>
9
8
7! "
"
"
"
)% (
-R U& (
)% (
-R U& (
)% (
-R U& (
%& ABC
RS
R
R
R
0;< (
Q5
0;< (
Q5
0;< (
Q5
F
7 12
"
"
1
1
"
)% ( PRI
-R %& (
U&R 0;< (
Q5
U&CW
R
RI
KRE
F
"
"
1 "
U& (
V
XU
RI
Y5
)
F
2
"
0;< (
Q5
UZ*C
SR
[
8 "
" 9
D !
(
3DR 0;< (
Q5R %& (
R U& (
5Z\A
KRP
:
] 92 9
" 9
D !
(
3DR 0;< (
Q5R %& (
R U& (
5^\A
R S
:
9
8
%& (
R U& (
R 0;< (
Q5
)%&'
R
-
F
8
"
9 "
%& (
R U& (
R 0;< (
Q5
)U&'
-
8
1
D_"
" D
L
@
N
L
N
)% (
-R %& ( K
U& ( `
U+* ( RK [
a +*
R E
R
R
Y
Y
Y
0;< (
Q5
0;< (
Q5
0;< (
Q5
-
" D
L
9
@
N
L
N
)% (
-R %& ( K
U& ( `
U+* ( RK [
^
R P
R P
R E
Y
Y
Y
0;< (
Q5
0;< (
Q5
0;< (
Q5
-
1
D_"
" D
L
@
N
L
N
)% (
-R %& ( K
U& ( `
U+bb ( RK [
a +bb
RP
RE
RE
Y
Y
Y
0;< (
Q5
0;< (
Q5
0;< (
Q5
:
D
L
9
@
N
L
N
)% (
-R %& ( K
U& ( `
U+bb ( RK [
b
R
R K
R I
Y
Y
Y
0;< (
Q5
0;< (
Q5
0;< (
Q5
8
1
"
4
"
)% (
-R %& ( K
R @' ( P
3
U& ( `
R
$
( PE
-$Y L0;<(
Q5N
U+* ( RK [
8+*
R
RP
R
c
c
c
0;< (
Q5
0;< (
Q5
0;< (
Q5
-
1
"
4
"
)% (
-R %& ( K
R @' ( P
3
U& ( `
R
$
(
$Y L0;<(
Q5N
U+bb ( RK [
8+bb
R
IRP
RP
c
c
c
0;< (
Q5
0;< (
Q5
0;< (
Q5
D
1
1
75
U& d
R %% ( I
%&,Be (
%&' @A%& f $
)'%
PK
-
0;< (
Q5
T d
Y R
)
O!
2
1
R g
)FH0 $
)FH0
CWh%
RP
$O
i
"
" O!
2
1
R
1
9
)FH0 $
)FH0
jTBAC\ (
O$L f N $
jk^\BA\ (
O$L f N
CW%l
R IP
$O



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com