Electronic Components Datasheet Search
  English  ▼

X  

DCC010 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DCC010
Description  Ultrahigh-Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DCC010 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DCC010 Datasheet HTML 1Page - Sanyo Semicon Device DCC010 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/32996GI (KOTO)/D2028TA/N148TA, TS No.1896-1/2
DCC010
Ordering number :EN1896B
Ultrahigh-Speed Switching Diode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Sillicon Epitaxial Planar Type (Series Connection)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
5
8V
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
8V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI M
F
g
n
i
t
a
R
t
i
n
U
0
0
3A
m
0
1
2A
m
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
g
n
i
t
a
R
t
i
n
U
0
0
1A
m
0
7A
m
)
s
µ
1
(
t
n
e
r
r
u
C
e
g
r
u
SI
M
S
F
g
n
i
t
a
R
t
i
n
U
4A
8
.
2A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
0
0
2W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1147A
[DCC010]
Electrical Characteristics at Ta = 25˚C
Features
· Ideally suited for use in hybrid ICs because of very
small package.
· Fast switching speed.
· Small interterminal capacitance.
˚C
˚C
1:Anode
2:Cathode
3:Cathode, Anode
SANYO:CP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF )
1
(IF
A
m
1
=0
6
.
0V
VF )
2
(IF
A
m
0
1
=2
7
.
0V
VF )
3
(IF
A
m
0
0
1
=
0
2
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
IR )
1
(VR
V
0
3
=
1
.
0A
µ
IR )
2
(VR
V
0
8
=
5
.
0A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
=
0
.
3F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF
V
,
A
m
0
1
=
R
R
,
V
6
=
L
0
5
=
Ω
p
r
I
1
.
0
=
r
r
I
,0
.
4s
n
· Marking:W7
Reverse Recovery Time Test Circuit
Electrical Connection
(Top view)


Similar Part No. - DCC010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCC010 SANYO-DCC010 Datasheet
69Kb / 2P
Ultrahigh-Speed Switching Diode
DCC010 SANYO-DCC010 Datasheet
67Kb / 2P
Sillicon Epitaxial Planar Type (Series Connection)
DCC010-TB-E SANYO-DCC010-TB-E Datasheet
67Kb / 2P
Sillicon Epitaxial Planar Type (Series Connection)
DCC010_9806 SANYO-DCC010_9806 Datasheet
69Kb / 2P
Ultrahigh-Speed Switching Diode
More results

Similar Description - DCC010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCF010 SANYO-DCF010 Datasheet
49Kb / 2P
Ultrahigh-Speed Switching Diode
DCG010 SANYO-DCG010 Datasheet
50Kb / 2P
Ultrahigh-Speed Switching Diode
DWA010 SANYO-DWA010 Datasheet
68Kb / 2P
Ultrahigh-Speed Switching Diode
DWC010 SANYO-DWC010 Datasheet
56Kb / 2P
Ultrahigh-Speed Switching Diode
DCC010_9806 SANYO-DCC010_9806 Datasheet
69Kb / 2P
Ultrahigh-Speed Switching Diode
RD2003JS-SB SANYO-RD2003JS-SB Datasheet
197Kb / 3P
Ultrahigh-Speed Switching Diode
RD2004LN SANYO-RD2004LN_09 Datasheet
48Kb / 3P
Ultrahigh-Speed Switching Diode
RD2006FR SANYO-RD2006FR Datasheet
240Kb / 3P
Ultrahigh-Speed Switching Diode
RD2006RH-SB SANYO-RD2006RH-SB Datasheet
254Kb / 3P
Ultrahigh-Speed Switching Diode
RD2006FR SANYO-RD2006FR_12 Datasheet
348Kb / 6P
Ultrahigh-Speed Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com